Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OKY3141 Datasheet (PDF) - AG Electronica

OKY3141 Datasheet PDF - AG Electronica
Part # OKY3141
Download  OKY3141 Download
File Size   202.81 Kbytes
Page   1 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description MÓDULO RECONOCIMIENTO DE VOZ INTELIGENTE LU-ASR01

OKY3141 Datasheet (PDF)

Go To PDF Page Download Datasheet
OKY3141 Datasheet PDF - AG Electronica

Part # OKY3141
Download  OKY3141 Click to download

File Size   202.81 Kbytes
Page   1 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description MÓDULO RECONOCIMIENTO DE VOZ INTELIGENTE LU-ASR01

OKY3141 Datasheet (HTML) - AG Electronica


OKY3141 Product details

Descripción
Configuración gráfica, no se requiere programación, solo modifique la entrada y grábela directamente. Cuenta con puertos 8 IO, puede generar PWM, nivel alto y bajo, señal de pulso, señal de servo sin programación. Se puede conectar a altavoces de 4Ω/3W. Despertador de larga distancia (10m).




Similar Part No. - OKY3141

ManufacturerPart #DatasheetDescription
logo
AG Electronica
OKY3137-1 AGELECTRONICA-OKY3137-1 Datasheet
180Kb / 1P
MÓDULO AMPLIFICADOR DE MICRÓFONO MAX9814
02/06/22
OKY3150 AGELECTRONICA-OKY3150 Datasheet
226Kb / 1P
MÓDULO INTERFAZ DE MICRÓFONO ENTRADA DE AUDIO MP3 TRR3.5MM
06/06/22
OKY3151 AGELECTRONICA-OKY3151 Datasheet
135Kb / 1P
MÓDULO INDICADOR BUZZER
05/07/22
OKY3157 AGELECTRONICA-OKY3157 Datasheet
642Kb / 1P
MODULO INDICADOR BUZZER
23/08/2021
OKY3161-2 AGELECTRONICA-OKY3161-2 Datasheet
177Kb / 1P
MÓDULO MP3 MP3-WTV020-SD-16P
15/07/2022
More results


Similar Description - OKY3141

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CW8700 ETC2-CW8700 Datasheet
106Kb / 5P
FICHE DE DONN횋ES DE S횋CURIT횋
logo
Hammond Manufacturing L...
DNFK HAMMOND-DNFK Datasheet
55Kb / 1P
ENSEMBLES DE FRILLES DE VENTILATION
DSTOPK HAMMOND-DSTOPK Datasheet
44Kb / 1P
TROUSSE DE BUTEES DE PORTE
FRCMCD HAMMOND-FRCMCD Datasheet
70Kb / 1P
Separateur de chemins de cables
RR19TM HAMMOND-RR19TM Datasheet
64Kb / 2P
Gestionnaire de cables de toit
logo
Sharma Electro Componen...
LU SHARMA-LU Datasheet
360Kb / 3P
LU Series
logo
Tripp Lite. All Rights ...
VR1208R TRIPPLITE-VR1208R Datasheet
153Kb / 2P
Regulador de Voltaje de 1200VA - Regulaci처n autom찼tica de voltaje con supresi처n de sobretensiones
logo
RAYEX ELECTRONICS CO., ...
LU-5-R RAYEX-LU-5-R Datasheet
65Kb / 2P
LU SERIES
LU-H RAYEX-LU-H Datasheet
618Kb / 2P
LU-H SERIES
LUZ-12 RAYEX-LUZ-12 Datasheet
444Kb / 2P
LU SERIES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com