Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROX2522S3 Datasheet (PDF) - Rakon Limited

ROX2522S3 Datasheet PDF - Rakon Limited
Part # ROX2522S3
Download  ROX2522S3 Download
File Size   334.53 Kbytes
Page   2 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description DISCRETE OCXO | STANDARD OCXO WITH THERMAL COMPENSATION

ROX2522S3 Datasheet (PDF)

Go To PDF Page Download Datasheet
ROX2522S3 Datasheet PDF - Rakon Limited

Part # ROX2522S3
Download  ROX2522S3 Click to download

File Size   334.53 Kbytes
Page   2 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description DISCRETE OCXO | STANDARD OCXO WITH THERMAL COMPENSATION

ROX2522S3 Datasheet (HTML) - Rakon Limited


ROX2522S3 Product details

Features
 Holdover below 15 μs over 24 hours, with 50°C up/down temperature ramp at 10°C/hour (typical)
 Standard frequencies: 10, 12.8, 20 and 40 MHz
 Small form factor
 I2C Temperature sensor output (optional)

Applications
 IEEE 1588: G.8263, G.8273.x
 Stratum 3E timing modules
 Stratum 2 stability
 Time and frequency references
 Wireless Basestations
 LTE‐TDD 5G Basestations




Similar Part No. - ROX2522S3

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
ROX2522S2 RAKON-ROX2522S2 Datasheet
633Kb / 2P
DISCRETE OCXO | HIGH-END TELECOM OCXO
25 May 2023
logo
TEMEX
ROX2522S4 TEMEX-ROX2522S4 Datasheet
481Kb / 2P
The ROX2522S4 is an OCXO Stratum 3E fully compliant
logo
Rakon Limited
ROX2522S4 RAKON-ROX2522S4 Datasheet
493Kb / 2P
DISCRETE OCXO | STANDARD OCXO IN SMD PACKAGE
More results


Similar Description - ROX2522S3

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
OX4020A-LZ-28-12.800-STR3 RALTRON-OX4020A-LZ-28-12.800-STR3 Datasheet
33Kb / 1P
OCXO
OX6536A RALTRON-OX6536A Datasheet
45Kb / 2P
OCXO
logo
Advanced Linear Devices
OX6749A ALD-OX6749A Datasheet
45Kb / 2P
OCXO
logo
Advanced XTAL Products
AXIOM30 AXTAL-AXIOM30 Datasheet
55Kb / 2P
OCXO
2006-10-06
logo
Vectron International, ...
C499 VECTRON-C499 Datasheet
207Kb / 15P
Hi-Rel Standard OCXO
OX-2226-EAJ-1080-20M00 VECTRON-OX-2226-EAJ-1080-20M00 Datasheet
240Kb / 5P
OCXO
OX-4011-EAE-2580-20M00 VECTRON-OX-4011-EAE-2580-20M00 Datasheet
239Kb / 4P
OCXO
logo
MTRONPTI
XO5503 MTRONPTI-XO5503 Datasheet
343Kb / 4P
OCXO with Vibration Compensation
logo
Vectron International, ...
OX-221-9115-10M000 VECTRON-OX-221-9115-10M000 Datasheet
530Kb / 6P
OCXO
OX-401-9015-98M304 VECTRON-OX-401-9015-98M304 Datasheet
1Mb / 9P
OCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com