Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B1160CAL Datasheet (PDF) - Littelfuse

B1160CAL Datasheet PDF - Littelfuse
Part # B1160CAL
Download  B1160CAL Download
File Size   153.46 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SLIC Protector

B1160CAL Datasheet (PDF)

Go To PDF Page Download Datasheet
B1160CAL Datasheet PDF - Littelfuse

Part # B1160CAL
Download  B1160CAL Click to download

File Size   153.46 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SLIC Protector

B1160CAL Datasheet (HTML) - Littelfuse


B1160CAL Product details

Battrax® SLIC Protector

The Battrax SLIC protector is offered in a negative Battrax version and a positive Battrax version. The B1xx0C_ is for a -VREF and the B2050C_ is for a +VREF.
Designed using an SCR and a gate diode, the B1xx0C_ Battrax begins to conduct at |-VREF| + |-1.2 V| while the B2050C_ Battrax begins to conduct at |+VREF| + |1.2 V|.

General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• IPP ratings assume VREF = ±48 V.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Positive Battrax information is preliminary data.
• VREF maximum value for the negative Battrax is -200 V.
• VREF maximum value for the positive Battrax is 110 V.




Similar Part No. - B1160CAL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
B1160CAL LITTELFUSE-B1160CAL Datasheet
843Kb / 52P
gas plasma arresters-package dimensions/specifications
B1160CALRP LITTELFUSE-B1160CALRP Datasheet
146Kb / 4P
The Battrax짰 series offers programmable SIDACtor짰 overvoltage protection devices
More results


Similar Description - B1160CAL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0641CA2 LITTELFUSE-P0641CA2 Datasheet
118Kb / 2P
Twin SLIC Protector
P0641A_2L LITTELFUSE-P0641A_2L Datasheet
151Kb / 3P
Two-chip SLIC Protector
P0641S_L LITTELFUSE-P0641S_L Datasheet
148Kb / 3P
Fixed Voltage SLIC Protector
P0641U_L LITTELFUSE-P0641U_L Datasheet
159Kb / 3P
Multiport SLIC Protector
B1160CARP LITTELFUSE-B1160CARP Datasheet
132Kb / 2P
Battrax SLIC Protector
B1160CCRP LITTELFUSE-B1160CCRP Datasheet
132Kb / 2P
Battrax SLIC Protector
logo
Bourns Electronic Solut...
TISP61089M BOURNS-TISP61089M Datasheet
398Kb / 6P
TISP61089M SLIC Overvoltage Protector
logo
Littelfuse
P1101UCLRP LITTELFUSE-P1101UCLRP Datasheet
165Kb / 3P
Multiport SLIC Protector
P0641SCRP LITTELFUSE-P0641SCRP Datasheet
123Kb / 2P
Fixed Voltage SLIC Protector
logo
Will Semiconductor Ltd.
SPD61089A WILLSEMI-SPD61089A Datasheet
707Kb / 5P
High Voltage Ringing SLIC Protector
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com