Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3784 Datasheet (PDF) - Maxim Integrated Products

MAX3784 Datasheet PDF - Maxim Integrated Products
Part # MAX3784
Download  MAX3784 Download
File Size   272.6 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5Gbps PCB Equalizer

MAX3784 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3784 Datasheet PDF - Maxim Integrated Products

Part # MAX3784
Download  MAX3784 Click to download

File Size   272.6 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5Gbps PCB Equalizer

MAX3784 Datasheet (HTML) - Maxim Integrated Products


MAX3784 Product details

General Description
The MAX3784/MAX3784A 5Gbps equalizers provide compensation for transmission-medium losses in up to 40in of FR-4. They are optimized for short-run length and balanced codes such as 8b10b, as found in multiplexed 1.25Gbps Ethernet systems and 4.25Gbps Fibre Channel.
The equalizers use differential CML data inputs and outputs. A standby mode reduces power consumption when the parts are not in use. The MAX3784/MAX3784A are available in a 4mm × 4mm, 16-pin QFN package that consumes only 185mW at +3.3V.

Features
♦ Spans 40in (1m) of FR-4 PCB
♦ 0.18UI Deterministic Jitter Up to 40in
♦ Low Power Consumption: 185mW (MAX3784)
♦ Equalization Reduces Intersymbol Interference
♦ Single +3.3V Supply
♦ Standby Mode
♦ Small 4mm × 4mm, 16-Pin QFN Package

Applications
Chassis Life Extension
4.25Gbps Fibre Channel
4x Multiplexed 1.25Gbps Ethernet (5Gbps)




Similar Part No. - MAX3784

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX378-MAX379 MAXIM-MAX378-MAX379 Datasheet
104Kb / 12P
High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX3781 MAXIM-MAX3781 Datasheet
300Kb / 5P
Evaluation Kit
Rev 1; 10/01
MAX3781EVKIT MAXIM-MAX3781EVKIT Datasheet
300Kb / 5P
Evaluation Kit
Rev 1; 10/01
MAX3783 MAXIM-MAX3783 Datasheet
198Kb / 8P
2.7Gbps Dual Mux/Buffer with Loopback
Rev 2; 1/08
More results


Similar Description - MAX3784

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YSS231 ETC-YSS231 Datasheet
552Kb / 8P
GRAPHIC EQUALIZER
logo
Sony Corporation
CXA1298 SONY-CXA1298 Datasheet
293Kb / 13P
equalizer AMP
logo
List of Unclassifed Man...
EF2A51A ETC2-EF2A51A Datasheet
58Kb / 1P
Equalizer
logo
Source Photonics, Inc.
FTM-3127C-SL2G SOURCE-FTM-3127C-SL2G Datasheet
282Kb / 10P
1G節?.5Gbps Spring-latch SFP Transceiver
logo
Integrated Device Techn...
89HP0504PB IDT-89HP0504PB Datasheet
803Kb / 26P
4 Channel 5Gbps PCIe짰 Signal Repeater
89HP0504UB IDT-89HP0504UB Datasheet
532Kb / 27P
4 Channel 5Gbps USB 3.0 Signal Repeater
logo
KR Electronics, Inc.
2981 KR-2981 Datasheet
60Kb / 2P
Equalizer
3069 KR-3069 Datasheet
60Kb / 2P
Equalizer
3075 KR-3075 Datasheet
46Kb / 2P
Equalizer
3141 KR-3141 Datasheet
53Kb / 2P
Equalizer
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com