Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STO-0609300-R-E1 Datasheet (PDF) - Eravant

STO-0609300-R-E1 Datasheet PDF - Eravant
Part # STO-0609300-R-E1
Download  STO-0609300-R-E1 Download
File Size   437.92 Kbytes
Page   4 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description D-Band VNA Frequency Extender, Receive (Rx) Module, 4.58 to 7.08 GHz Input

STO-0609300-R-E1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STO-0609300-R-E1 Datasheet PDF - Eravant

Part # STO-0609300-R-E1
Download  STO-0609300-R-E1 Click to download

File Size   437.92 Kbytes
Page   4 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description D-Band VNA Frequency Extender, Receive (Rx) Module, 4.58 to 7.08 GHz Input

STO-0609300-R-E1 Datasheet (HTML) - Eravant


STO-0609300-R-E1 Product details

FEATURES
Full Band Coverage
Dynamic Range of 1000 dB
AC Power Input: 100 to 240 VAC
APPLICATIONS
VNA Frequency Extension
OTA Measurements
Test Lab Instrumentation




Similar Part No. - STO-0609300-R-E1

ManufacturerPart #DatasheetDescription
logo
Eravant
STO-0609300-T-E1 ERAVANT-STO-0609300-T-E1 Datasheet
434Kb / 4P
D-Band VNA Frequency Extender, Transmit (Tx/Ref) Module, 4.58 to 7.08 GHz Input
Rev 1.4
More results


Similar Description - STO-0609300-R-E1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
RFFM6500 RFMD-RFFM6500 Datasheet
608Kb / 9P
2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
RFFM6903 RFMD-RFFM6903 Datasheet
1Mb / 11P
2.5V to 4.2V, ISM Band, 1W 915MHZ Transmit/Receive Module
logo
API Technologies Corp
MAIA-009992-000000 APITECH-MAIA-009992-000000 Datasheet
502Kb / 3P
Dual S-Band 100W Transmit / Receive Module (TRM) 3.1 - 3.5 GHz
logo
Qorvo, Inc
RFFM6900 QORVO-RFFM6900 Datasheet
980Kb / 12P
2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
RFFM6500 QORVO-RFFM6500 Datasheet
610Kb / 9P
2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
RF6559 QORVO-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
logo
Mini-Circuits
FX-30G-RC MINI-FX-30G-RC Datasheet
988Kb / 10P
Frequency Extender
Rev. OR
FX-30GHP-RC MINI-FX-30GHP-RC Datasheet
948Kb / 10P
Frequency Extender
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com