Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSML-C190 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HSML-C190 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HSML-C190
Download  HSML-C190 Download
File Size   420.99 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Performance ChipLED

HSML-C190 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSML-C190 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HSML-C190
Download  HSML-C190 Click to download

File Size   420.99 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Performance ChipLED

HSML-C190 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HSML-C190 Product details

Description
These chip LEDs are designed in an industry standard package for ease of handling and use. Various different LED colors are available in nine compact, single color packages.

Features
• Small size
• Industry standard footprint
• Compatible with IR solder
• Diffused optics
• Operating temperature range of -40°C to +85°C
• Right angle & reverse mount package available
• Various colors available
• Available in 8 mm tape on 7 in. (178 mm) diameter reels

Applications
• Keypad backlighting
• Push-button backlighting
• LCD backlighting
• Symbol backlighting
• Front panel indicator




Similar Part No. - HSML-C190

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSML-C190 ETC1-HSML-C190 Datasheet
230Kb / 11P
High Performance ChipLED
logo
Broadcom Corporation.
HSML-C190 BOARDCOM-HSML-C190 Datasheet
191Kb / 9P
High Performance ChipLED
More results


Similar Description - HSML-C190

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSMA-C110 ETC1-HSMA-C110 Datasheet
230Kb / 11P
High Performance ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4560 AVAGO-ASDL-4560 Datasheet
158Kb / 6P
High Performance Infrared Emitter (875nm) ChipLED
ASDL-4561 AVAGO-ASDL-4561 Datasheet
162Kb / 6P
High Performance Infrared Emitter (870nm) ChipLED
HSMW-C170 AVAGO-HSMW-C170 Datasheet
369Kb / 8P
High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C170-T0000 BOARDCOM-HSMA-C170-T0000 Datasheet
1Mb / 9P
High Performance ChipLED
HSMA-C191-T0000 BOARDCOM-HSMA-C191-T0000 Datasheet
1Mb / 9P
High Performance ChipLED
HSMC-C170-T0000 BOARDCOM-HSMC-C170-T0000 Datasheet
1Mb / 10P
High Performance Surface Mount ChipLED
HSML-C170-T0000 BOARDCOM-HSML-C170-T0000 Datasheet
1Mb / 10P
High Performance Surface Mount ChipLED
HSML-C191-T0000 BOARDCOM-HSML-C191-T0000 Datasheet
1Mb / 10P
High Performance Surface Mount ChipLED
HSMX-C110 BOARDCOM-HSMX-C110 Datasheet
191Kb / 9P
High Performance ChipLED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com