Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STO-1009305-R-E1 Datasheet (PDF) - Eravant

STO-1009305-R-E1 Datasheet PDF - Eravant
Part # STO-1009305-R-E1
Download  STO-1009305-R-E1 Download
File Size   929.6 Kbytes
Page   4 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description W-Band VNA Frequency Extender

STO-1009305-R-E1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STO-1009305-R-E1 Datasheet PDF - Eravant

Part # STO-1009305-R-E1
Download  STO-1009305-R-E1 Click to download

File Size   929.6 Kbytes
Page   4 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description W-Band VNA Frequency Extender

STO-1009305-R-E1 Datasheet (HTML) - Eravant


STO-1009305-R-E1 Product details

FEATURES
Full Band Coverage
Dynamic Range of 1000 dB
AC Power Input: 100 to 240 VAC
APPLICATIONS
VNA Frequency Extension
OTA Measurements
Test Lab Instrumentation




Similar Part No. - STO-1009305-R-E1

ManufacturerPart #DatasheetDescription
logo
Eravant
STO-1009305-T-E1 ERAVANT-STO-1009305-T-E1 Datasheet
421Kb / 4P
W-Band VNA Frequency Extender
Rev 1.3
More results


Similar Description - STO-1009305-R-E1

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM2179A UMS-CHM2179A Datasheet
82Kb / 6P
W-band Mixer
logo
Mini-Circuits
MCA1-85L MINI-MCA1-85L Datasheet
147Kb / 2P
Frequency Mixer WIDE BAND
logo
United Monolithic Semic...
CHM2179B UMS-CHM2179B Datasheet
135Kb / 9P
W-band Mixer
logo
fujitsu semiconductor
FE-1000CW FUJITSU-FE-1000CW Datasheet
293Kb / 6P
Cat5 Wide Band Extender
FE-2000CW FUJITSU-FE-2000CW Datasheet
387Kb / 6P
Cat5 Wide Band Extender
logo
United Monolithic Semic...
CHM2179B98F UMS-CHM2179B98F_15 Datasheet
640Kb / 8P
W-band Mixer
logo
Mini-Circuits
SIM-14 MINI-SIM-14 Datasheet
405Kb / 2P
Frequency Mixer wide band
logo
WALSIN TECHNOLOGY CORPO...
TFCPL0605B24508Q1C WALSIN-TFCPL0605B24508Q1C Datasheet
648Kb / 8P
2.4GHz Band Frequency
logo
Mini-Circuits
FX-30G-RC MINI-FX-30G-RC Datasheet
988Kb / 10P
Frequency Extender
Rev. OR
FX-30GHP-RC MINI-FX-30GHP-RC Datasheet
948Kb / 10P
Frequency Extender
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com