Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STO-1209305-R-E1 Datasheet (PDF) - Eravant

STO-1209305-R-E1 Datasheet PDF - Eravant
Part # STO-1209305-R-E1
Download  STO-1209305-R-E1 Download
File Size   465.63 Kbytes
Page   4 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description E-Band VNA Frequency Extender, Receive (Rx) Module, 5 to 7.5 GHz Input

STO-1209305-R-E1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STO-1209305-R-E1 Datasheet PDF - Eravant

Part # STO-1209305-R-E1
Download  STO-1209305-R-E1 Click to download

File Size   465.63 Kbytes
Page   4 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description E-Band VNA Frequency Extender, Receive (Rx) Module, 5 to 7.5 GHz Input

STO-1209305-R-E1 Datasheet (HTML) - Eravant


STO-1209305-R-E1 Product details

FEATURES
Full Band Coverage
Dynamic Range of 1000 dB
AC Power Input: 100 to 240 VAC
APPLICATIONS
VNA Frequency Extension
OTA Measurements
Test Lab System




Similar Part No. - STO-1209305-R-E1

ManufacturerPart #DatasheetDescription
logo
Eravant
STO-1209305-T-E1 ERAVANT-STO-1209305-T-E1 Datasheet
460Kb / 5P
E-Band VNA Frequency Extender, Transmit (Tx/Ref) Module, 5 to 7.5 GHz Input
Rev 1.4
More results


Similar Description - STO-1209305-R-E1

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFBLN2012090K1T WALSIN-RFBLN2012090K1T Datasheet
482Kb / 7P
5 GHz ISM Band Working Frequency
RFBPF1608060K2T WALSIN-RFBPF1608060K2T Datasheet
522Kb / 7P
5 GHz ISM Band Working Frequency
RFDIP160806ALM2T66 WALSIN-RFDIP160806ALM2T66 Datasheet
735Kb / 7P
2.4 GHz & 5 GHz ISM Band Working Frequency
RFDIP1608060LNT WALSIN-RFDIP1608060LNT Datasheet
553Kb / 7P
2.4 GHz & 5 GHz ISM Band Working Frequency
RFDIP1608060LVT WALSIN-RFDIP1608060LVT Datasheet
570Kb / 7P
2.4 GHz & 5 GHz ISM Band Working Frequency
RFDIP1608060LWT WALSIN-RFDIP1608060LWT Datasheet
597Kb / 7P
2.4 GHz & 5 GHz ISM Band Working Frequency
RFDIP2012050L87B1U WALSIN-RFDIP2012050L87B1U Datasheet
539Kb / 7P
2.4 GHz & 5 GHz ISM Band Working Frequency
RFDIP2012080LN7N2T WALSIN-RFDIP2012080LN7N2T Datasheet
600Kb / 7P
2.4 GHz & 5 GHz Band Working Frequency
RFHPF0605040K0T WALSIN-RFHPF0605040K0T Datasheet
563Kb / 7P
5 GHz GSM Band Working Frequency
RFLPF2012090K07B1U WALSIN-RFLPF2012090K07B1U Datasheet
221Kb / 7P
5 GHz ISM Band Working Frequency
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com