Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STO-1220305-R-E1 Datasheet (PDF) - Eravant

STO-1220305-R-E1 Datasheet PDF - Eravant
Part # STO-1220305-R-E1
Download  STO-1220305-R-E1 Download
File Size   464.7 Kbytes
Page   4 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description E-Band VNA Frequency Extender, Receive (Rx) Module, 10 to 15 GHz Input

STO-1220305-R-E1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STO-1220305-R-E1 Datasheet PDF - Eravant

Part # STO-1220305-R-E1
Download  STO-1220305-R-E1 Click to download

File Size   464.7 Kbytes
Page   4 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description E-Band VNA Frequency Extender, Receive (Rx) Module, 10 to 15 GHz Input

STO-1220305-R-E1 Datasheet (HTML) - Eravant


STO-1220305-R-E1 Product details

FEATURES
Full Band Coverage
Dynamic Range of 1000 dB
AC Power Input: 100 to 240 VAC
APPLICATIONS
VNA Frequency Extension
OTA Measurements
Test Lab System




Similar Part No. - STO-1220305-R-E1

ManufacturerPart #DatasheetDescription
logo
Eravant
STO-1220305-C-E1 ERAVANT-STO-1220305-C-E1 Datasheet
1Mb / 6P
E-Band VNA Frequency Extender
Rev 1.5
STO-1220305-CM-E1 ERAVANT-STO-1220305-CM-E1 Datasheet
1Mb / 6P
E-Band VNA Frequency Extender
Rev 1.4
STO-1220305-T-E1 ERAVANT-STO-1220305-T-E1 Datasheet
459Kb / 5P
E-Band VNA Frequency Extender, Transmit (Tx/Ref) Module, 10 to 15 GHz Input
Rev 1.6
More results


Similar Description - STO-1220305-R-E1

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-XDB112 HITTITE-HMC-XDB112 Datasheet
157Kb / 6P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 10 - 15 GHz INPUT
HMC-XDB112 HITTITE-HMC-XDB112_09 Datasheet
156Kb / 4P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 10 - 15 GHz INPUT
logo
RF Micro Devices
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
logo
API Technologies Corp
MAIA-009992-000000 APITECH-MAIA-009992-000000 Datasheet
502Kb / 3P
Dual S-Band 100W Transmit / Receive Module (TRM) 3.1 - 3.5 GHz
logo
Custom MMIC Design Serv...
CMD227C3 MMIC-CMD227C3 Datasheet
202Kb / 8P
Frequency Doubler, 8-15 GHz Input
CMD227 MMIC-CMD227 Datasheet
193Kb / 8P
Passive Frequency Doubler, 8-15 GHz Input
logo
Analog Devices
ADMV7310 AD-ADMV7310 Datasheet
437Kb / 29P
E-Band Upconverter SiP, 71 GHz to 76 GHz
Oct-2019
ADMV7320 AD-ADMV7320 Datasheet
422Kb / 29P
E-Band Upconverter SiP, 81 GHz to 86 GHz
12/2020-Rev. B to Rev. C
logo
Qorvo, Inc
CMD227C3 QORVO-CMD227C3 Datasheet
197Kb / 8P
Frequency Doubler, 8-15 GHz Input
CMD227 QORVO-CMD227 Datasheet
187Kb / 8P
Passive Frequency Doubler, 8-15 GHz Input
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com