Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STO-20355315-R-E1 Datasheet (PDF) - Eravant

STO-20355315-R-E1 Datasheet PDF - Eravant
Part # STO-20355315-R-E1
Download  STO-20355315-R-E1 Download
File Size   421.76 Kbytes
Page   4 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description Coaxial VNA Frequency Extender Receiver (Rx) Module, 5 to 13.75 GHz Input

STO-20355315-R-E1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STO-20355315-R-E1 Datasheet PDF - Eravant

Part # STO-20355315-R-E1
Download  STO-20355315-R-E1 Click to download

File Size   421.76 Kbytes
Page   4 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description Coaxial VNA Frequency Extender Receiver (Rx) Module, 5 to 13.75 GHz Input

STO-20355315-R-E1 Datasheet (HTML) - Eravant


STO-20355315-R-E1 Product details

FEATURES
Dynamic Range of 120 dB
AC Power Input: 100 to 240 VAC
APPLICATIONS
VNA Frequency Extension
OTA Measurements
Test Lab Instrumentation




Similar Part No. - STO-20355315-R-E1

ManufacturerPart #DatasheetDescription
logo
Eravant
STO-20355315-C-E1 ERAVANT-STO-20355315-C-E1 Datasheet
434Kb / 4P
Coaxial VNA Frequency Extender TX/RX Module, 5 to 13.75 GHz Input
Rev 1.1
STO-20355315-T-E1 ERAVANT-STO-20355315-T-E1 Datasheet
464Kb / 5P
Coaxial VNA Frequency Extender, Transmit (Tx/Ref) Module, 5 to 13.75 GHz Input
Rev 1.0
More results


Similar Description - STO-20355315-R-E1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC4541 ETC-TC4541 Datasheet
85Kb / 3P
13.75 - 14.5 GHz 2W MMIC
logo
Transcom, Inc.
TC4523 TRANSCOM-TC4523 Datasheet
102Kb / 3P
13.75 - 14.5 GHz 0.5W MMIC
TC4535 TRANSCOM-TC4535 Datasheet
97Kb / 3P
13.75 - 14.5 GHz 1W MMIC
logo
Excelics Semiconductor,...
EID1314A1-5 EXCELICS-EID1314A1-5 Datasheet
122Kb / 4P
13.75-14.50 GHz 5-Watt Internally-Matched Power FET
logo
Transcom, Inc.
TC1953P TRANSCOM-TC1953P Datasheet
177Kb / 3P
13.75 - 14.75 GHz 1W MMIC
logo
Toshiba Semiconductor
TIM1414-8-252 TOSHIBA-TIM1414-8-252 Datasheet
164Kb / 4P
HIGH POWER P1dB=39.0 dBm at 13.75 GHz to 14.5 GHz
logo
Pasternack Enterprises,...
PEM002 PASTERNACK-PEM002 Datasheet
377Kb / 18P
60 GHz Receiver Rx Waveguide Module
PEM002-MIM PASTERNACK-PEM002-MIM Datasheet
306Kb / 18P
60 GHz Receiver (Rx) Waveguide Module
logo
Mini-Circuits
FX-30G-RC MINI-FX-30G-RC Datasheet
988Kb / 10P
Frequency Extender
Rev. OR
FX-30GHP-RC MINI-FX-30GHP-RC Datasheet
948Kb / 10P
Frequency Extender
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com