Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHT1490A Datasheet (PDF) - Rakon Limited

RHT1490A Datasheet PDF - Rakon Limited
Part # RHT1490A
Download  RHT1490A Download
File Size   486.19 Kbytes
Page   2 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description HIGH FREQUENCY ULTRA STABLE TCXO | LOW JITTER AND PHASE NOISE

RHT1490A Datasheet (PDF)

Go To PDF Page Download Datasheet
RHT1490A Datasheet PDF - Rakon Limited

Part # RHT1490A
Download  RHT1490A Click to download

File Size   486.19 Kbytes
Page   2 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description HIGH FREQUENCY ULTRA STABLE TCXO | LOW JITTER AND PHASE NOISE

RHT1490A Datasheet (HTML) - Rakon Limited


RHT1490A Product details

Features
 Stability as low as ±0.25 ppm
 Low jitter 200 fs (12 kHz to 20 MHz)
 High frequency from 50 – 204.8 MHz
 Patented “Tilt Compensation” to guarantee performance for life of equipment
 Inherent airflow resistance

Applications
 Sync PLL Embedded Switches
 Designs requiring low noise
 ITU-T G.813 and G.8262
 Low noise C-RAN radios, Microwave links and Small Cells
 Radio head Clock Recovery (IEEE 1588/SyncE)
 10/25/40G Ethernet




Similar Part No. - RHT1490A

ManufacturerPart #DatasheetDescription
logo
TEMEX
RHT1490A TEMEX-RHT1490A Datasheet
253Kb / 2P
Low noise C?륱AN radios, Microwave links and Small Cells
More results


Similar Description - RHT1490A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89610L MICREL-SY89610L Datasheet
391Kb / 17P
77.75MHz to 694MHz Jitter Attenuator and Low Phase Noise Frequency Synthesizer
SM802141 MICREL-SM802141 Datasheet
395Kb / 13P
Ultra-Low Jitter, LVPECL Frequency
logo
Nel Frequency Controls,...
AN-XA7XXXX-X NEL-AN-XA7XXXX-X Datasheet
162Kb / 3P
HF SMD TCXO/VCTCXO Ultra Low Phase Noise
logo
Raltron Electronics Cor...
CMC204 RALTRON-CMC204 Datasheet
707Kb / 5P
Ultra low phase jitter: 0.5ps
logo
Vectron International, ...
VS-800 VECTRON-VS-800 Datasheet
1Mb / 9P
Ultra-Low Jitter High Frequency VCSO
logo
Golledge Electronics Lt...
HCD380 GOLLEDGE-HCD380_18 Datasheet
566Kb / 5P
Very High Frequency OCXO with Ultra-low Phase Noise and Sine Output
HCD381 GOLLEDGE-HCD381_18 Datasheet
552Kb / 4P
Very High Frequency OCXO with Ultra-low Phase Noise and CMOS Output
logo
Advanced XTAL Products
AXLE145HF AXTAL-AXLE145HF Datasheet
102Kb / 3P
High Frequency SMD (VC)TCXO in 9x14 mm Package High Stability, Ultra-Low Jitter and Low-G Sensitivity
logo
Chengdu Xtaltq Technolo...
BT0914A XTAITQ-BT0914A Datasheet
545Kb / 3P
Low Phase Noise TCXO
logo
TXC Corporation.
BF-SERIES TXC-BF-SERIES Datasheet
966Kb / 1P
Excellent low phase noise and jitter.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com