Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1007243 Datasheet (PDF) - PHOENIX CONTACT

1007243 Datasheet PDF - PHOENIX CONTACT
Part # 1007243
Download  1007243 Download
File Size   180.54 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SF-06KS010 - Crimp contact

1007243 Datasheet (PDF)

Go To PDF Page Download Datasheet
1007243 Datasheet PDF - PHOENIX CONTACT

Part # 1007243
Download  1007243 Click to download

File Size   180.54 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SF-06KS010 - Crimp contact

1007243 Datasheet (HTML) - PHOENIX CONTACT


1007243 Product details

Crimp contact, Socket, turned, contact diameter: 0.6 mm, crimp range: 0.08 mm2 ... 0.25 mm2,
Alternative product in accordance with RoHS II without Exemption 6c (Pb < 0.1 %) item no.:
1237993

Your advantages
• Crimping connection: vibration- and temperature-resistant assembly
• High tensile strength of the connection
• Low contact resistance
• Easy production monitoring




Similar Part No. - 1007243

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1007248 PHOENIX-1007248 Datasheet
46Kb / 2P
Marker cards - SBS10:UNBEDRUCKT
More results


Similar Description - 1007243

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1050147 PHOENIX-1050147 Datasheet
174Kb / 3P
Crimp contact - SF-20KP011
1605631 PHOENIX-1605631 Datasheet
49Kb / 2P
Crimp contact - SF-7NS2000
1605634 PHOENIX-1605634 Datasheet
52Kb / 3P
Crimp contact - SF-7PP2000
1621575 PHOENIX-1621575 Datasheet
152Kb / 3P
Crimp contact - SF-08KP020
1605636 PHOENIX-1605636 Datasheet
52Kb / 3P
Crimp contact - SF-7PS2000
1605639 PHOENIX-1605639 Datasheet
52Kb / 3P
Crimp contact - SF-7QP2000
1607580 PHOENIX-1607580 Datasheet
49Kb / 3P
Crimp contact - ST-06KS010
1621579 PHOENIX-1621579 Datasheet
166Kb / 3P
Crimp contact - SF-20KP021
1607031 PHOENIX-1607031 Datasheet
57Kb / 3P
Crimp contact - SF-10KS320
1607355 PHOENIX-1607355 Datasheet
51Kb / 3P
Crimp contact - SF-10KP004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com