Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPT100 Datasheet (PDF) - Rakon Limited

RFPT100 Datasheet PDF - Rakon Limited
Part # RFPT100
Download  RFPT100 Download
File Size   966.99 Kbytes
Page   2 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description PLUTO™ TCXO DESIGNED FOR COSPAS-SARSAT EMERGENCY BEACONS

RFPT100 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFPT100 Datasheet PDF - Rakon Limited

Part # RFPT100
Download  RFPT100 Click to download

File Size   966.99 Kbytes
Page   2 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description PLUTO™ TCXO DESIGNED FOR COSPAS-SARSAT EMERGENCY BEACONS

RFPT100 Datasheet (HTML) - Rakon Limited


RFPT100 Product details

Features
 Low power consumption
 COSPAS-SARSAT and Iridium compliant
 MTS: 100% tested
 Test data supplied with each unit
 Clipped sinewave and voltage control options
 Non-volatile memory for lifetime reliability

Applications
 Emergency beacon (EPIRB, ELT, PLB)
 Argos beacon
 Personal survival radio




Similar Part No. - RFPT100

ManufacturerPart #DatasheetDescription
logo
TEMEX
RFPT100 TEMEX-RFPT100 Datasheet
291Kb / 2P
An emergency distress beacon is a small battery.powered
More results


Similar Description - RFPT100

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM20-17 AXTAL-AXIOM20-17 Datasheet
60Kb / 2P
OCXO for Cospas-Sarsat Beacons
2007-10-17
logo
QUARTZCOM the communica...
QSF406A4-38 QUARTZCOM-QSF406A4-38 Datasheet
208Kb / 1P
406 MHz SMD RF-SAW filter COSPAS-SARSAT emergency beacon Class 1 & 2
TX7-503CM-SQ-COSA QUARTZCOM-TX7-503CM-SQ-COSA Datasheet
186Kb / 2P
Analogue Temperature Compensated Xtal Oscillator COSPAS SARSAT compliant CMOS TCXO
logo
MICORO CRYSTAL SWITZERL...
OCXOVT-SAR MICROCRYSTAL-OCXOVT-SAR Datasheet
795Kb / 2P
Cospas Sarsat compliant
logo
Advanced XTAL Products
AXLE7050CS AXTAL-AXLE7050CS Datasheet
151Kb / 3P
High Stability SMD 7x5 mm TCXO for COSPAS SARSAT
logo
Golledge Electronics Lt...
OCXOVT-S GOLLEDGE-OCXOVT-S Datasheet
540Kb / 4P
5V OCXO Sine Output Cospas-Sarsat
logo
Epson ToYoCom
TG-3541CEA EPSONTOYOCOM-TG-3541CEA Datasheet
220Kb / 1P
TCXO For Automotive
logo
ECS, Inc.
ECS-TXO-2016MV ECS-ECS-TXO-2016MV Datasheet
465Kb / 2P
MultiVolt™ CMOS TCXO
Rev.2020
logo
ABB
2TLA020070R1700 ABB-2TLA020070R1700 Datasheet
41Kb / 2P
Pluto B46 v2
August 18, 2005
logo
Transko Electronics, In...
TXCS TRANSKO-TXCS Datasheet
520Kb / 1P
COSPAS-SARSAT BEACONS CERAMIC SMD TCXO (7.0 x 5.0 x 2.0mm)
Rev. 2: Jan. 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com