Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2931 Datasheet (PDF) - SYC Electronica

LM2931 Datasheet PDF - SYC Electronica
Part # LM2931
Download  LM2931 Download
File Size   658.27 Kbytes
Page   21 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection

LM2931 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2931 Datasheet PDF - SYC Electronica

Part # LM2931
Download  LM2931 Click to download

File Size   658.27 Kbytes
Page   21 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection

LM2931 Datasheet (HTML) - SYC Electronica


LM2931 Product details

Features
• Pb−Free Packages are Available
• Input−to−Output Voltage Differential of < 0.6 V @ 100 mA
• Output Current in Excess of 100 mA
• Low Bias Current
• 60 V Load Dump Protection
• −50 V Reverse Transient Protection
• Internal Current Limiting with Thermal Shutdown
• Temporary Mirror−Image Protection
• Ideally Suited for Battery Powered Equipment
• Economical 5−Lead TO−220 Package with Two Optional Leadforms
• Available in Surface Mount SOP−8, D2PAK and DPAK Packages
• High Accuracy (±2%) Reference (LM2931AC) Available
Applications
• Battery Powered Consumer Products
• Hand−held Instruments
• Camcorders and Cameras
SOIC−8




Similar Part No. - LM2931

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2931 NSC-LM2931 Datasheet
363Kb / 18P
Series Low Dropout Regulators
logo
ON Semiconductor
LM2931 ONSEMI-LM2931 Datasheet
308Kb / 16P
LOW DROPOUT VOLTAGE REGULATORS
1997 Rev 4
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
100mA Low Dropout Voltage Regulator
logo
STMicroelectronics
LM2931 STMICROELECTRONICS-LM2931 Datasheet
361Kb / 19P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
Mar-2004
logo
Motorola, Inc
LM2931 MOTOROLA-LM2931 Datasheet
311Kb / 16P
Low Dropout Voltage Regulators
More results


Similar Description - LM2931

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
LM2931 ONSEMI-LM2931_07 Datasheet
254Kb / 23P
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
100 mA Adjustable Output Positive Voltage Regulator
logo
ON Semiconductor
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM2931 ONSEMI-LM2931_11 Datasheet
796Kb / 23P
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
December, 2011 ??Rev. 25
logo
Estek Electronics Co. L...
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
100 mA Adjustable output Positive Voltage Regulator
logo
HuaXinAn Electronics CO...
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
Output Adjustable Voltage LDO Regulator
logo
ON Semiconductor
LM2931 ONSEMI-LM2931_13 Datasheet
329Kb / 23P
100 mA, Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection
April, 2013 ??Rev. 26
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com