Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TE300BC211 Datasheet (PDF) - Rakon Limited

TE300BC211 Datasheet PDF - Rakon Limited
Part # TE300BC211
Download  TE300BC211 Download
File Size   783.45 Kbytes
Page   5 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Space Temperature Compensated Xtal Oscillator

TE300BC211 Datasheet (PDF)

Go To PDF Page Download Datasheet
TE300BC211 Datasheet PDF - Rakon Limited

Part # TE300BC211
Download  TE300BC211 Click to download

File Size   783.45 Kbytes
Page   5 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Space Temperature Compensated Xtal Oscillator

TE300BC211 Datasheet (HTML) - Rakon Limited


TE300BC211 Product details

Product Description
This High performance ITAR-Free Flat Pack TCXO provides a combination of overall stability down to +1.5ppm with low power consumption 아 0,15W all over the temperature range of - 40°C up to +85°C and an excellent phase noise.
Major applications of this TCXO are transponders, GPS receivers, digital cards, down and up converters.
Space Flat Pack TCXOs (20x20x13mm) are manufactured in accordance with MIL-PRF-55310 (Class 1, type 3, level S).

Features
* ITAR-Free
* Frequency Range : 10MHz to 100 MHz
* Supply Voltage : +5V or +12V
« Low Consumption : 30 mA max
* Frequency Stability vs. Operating Temperature : from + 0.5ppm to 5ppm
* Ageing: + 5ppm over 15 years
* Output Wave Form : sine 50 Ohms
* Output Level : from 0 to 8 dBm
* Hermetic case
* Component selected as per ECSS-Q-ST-60C
* Materials selected 35 per ECSS-Q-70
* Manufacturing in accordance with:
o MIL-PRF-55310 (Class 1, type 3, level S,B)
o ECSS-Q-5T-70-08C and ECSS-Q-ST-70-38C

Applications
* GPS receivers
* Synthesizers
* Converters
* FGU
* Board calculators




Similar Part No. - TE300BC211

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TE300B2K7J TEC-TE300B2K7J Datasheet
285Kb / 5P
High Power Wire Wound Resistor
Rev. E 05/2021
More results


Similar Description - TE300BC211

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSX-532T ETC1-CSX-532T Datasheet
110Kb / 1P
Temperature Compensated Crystal Oscillator
HE-TXO-10C1 ETC2-HE-TXO-10C1 Datasheet
42Kb / 1P
TEMPERATURE COMPENSATED OSCILLATOR
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
Temperature Compensated Crystal Oscillator
logo
ECS, Inc.
ECS-500 ECS-ECS-500 Datasheet
107Kb / 1P
TEMPERATURE COMPENSATED OSCILLATOR
ECS-500X ECS-ECS-500X Datasheet
144Kb / 1P
TEMPERATURE COMPENSATED OSCILLATOR
VC-TX0-30SM ECS-VC-TX0-30SM Datasheet
209Kb / 1P
TEMPERATURE COMPENSATED OSCILLATOR
logo
TEMEX
TCXO TEMEX-TCXO Datasheet
522Kb / 5P
Space TCXO - Temperature Compensated Crystal Oscillator, General Specification (rev1)
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
QUARTZCOM the communica...
TX7-503CM-SQ-COSA QUARTZCOM-TX7-503CM-SQ-COSA Datasheet
186Kb / 2P
Analogue Temperature Compensated Xtal Oscillator COSPAS SARSAT compliant CMOS TCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com