Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G1117 Datasheet (PDF) - Global Mixed-mode Technology Inc

G1117 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G1117
Download  G1117 Download
File Size   293.92 Kbytes
Page   9 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 1A Adjustable Low-Dropout Linear Regulator

G1117 Datasheet (PDF)

Go To PDF Page Download Datasheet
G1117 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G1117
Download  G1117 Click to download

File Size   293.92 Kbytes
Page   9 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 1A Adjustable Low-Dropout Linear Regulator

G1117 Datasheet (HTML) - Global Mixed-mode Technology Inc


G1117 Product details

General Description
The G1117 is a low dropout linear regulator with a dropout of 1.2V at 800mA of load current and 1.3V at 1A of load current. It is available in an adjustable version, which can set the output from 1.25V to 5V with only two external resistors.
The G1117 provides over temperature and over current protection circuits to prevent it from being damaged by abnormal operating conditions.
The G1117 is available in TO-252, SOT-223 and TO-92 packages. A minimum of 10μF tantalum electrolytic capacitor is required at the output to improve the transient response and stability.

Features
■ Available in adjust version
■ Space saving TO-252, SOT-223 and TO-92 package
■ Internal short circuit current limiting
■ Internal over temperature protection
■ Output current in excess of 1A
■ Output current in excess of 100mA with TO-92 package

Applications
■ Post regulation for switching DC/DC converter
■ High efficiency linear regulator
■ Battery charger
■ Battery powered instrumentation
■ Motherboard




Similar Part No. - G1117

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G1117 HAMAMATSU-G1117 Datasheet
172Kb / 4P
GaAsP photodiode
logo
List of Unclassifed Man...
G1117 ETC2-G1117 Datasheet
81Kb / 2P
For Panels .250 (6,4 mm) to .375 (9,5 mm) Thick
logo
Heyco.
G1117 HEYCO-G1117 Datasheet
92Kb / 1P
Thick Panel Rubber Grommets
logo
Global Mixed-mode Techn...
G1117-15T43U GMT-G1117-15T43U Datasheet
266Kb / 6P
1A Low-Dropout Linear Regulator
G1117-15T63U GMT-G1117-15T63U Datasheet
266Kb / 6P
1A Low-Dropout Linear Regulator
More results


Similar Description - G1117

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2941 NSC-LM2941 Datasheet
322Kb / 10P
1A Low Dropout Adjustable Regulator
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
1A Low Dropout Adjustable Regulator
logo
Silicon Standard Corp.
SS8117G SSC-SS8117G Datasheet
326Kb / 6P
1A Adjustable Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1117 GMT-G1117_15 Datasheet
93Kb / 1P
1A Adjustable Low-Dropout Linear Regulator
G9117 GMT-G9117 Datasheet
59Kb / 1P
1A Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
1A Low Dropout Adjustable Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com