Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7342PBF Datasheet (PDF) - International Rectifier

IRF7342PBF Datasheet PDF - International Rectifier
Part # IRF7342PBF
Download  IRF7342PBF Download
File Size   159.18 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET짰 Power MOSFET (VDSS = -55V , RDS(on) = 0.105廓)

IRF7342PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7342PBF Datasheet PDF - International Rectifier

Part # IRF7342PBF
Download  IRF7342PBF Click to download

File Size   159.18 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET짰 Power MOSFET (VDSS = -55V , RDS(on) = 0.105廓)

IRF7342PBF Datasheet (HTML) - International Rectifier




Similar Part No. - IRF7342PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7342PBF IRF-IRF7342PBF Datasheet
164Kb / 7P
Generation V Technology
IRF7342PBF IRF-IRF7342PBF Datasheet
164Kb / 7P
Generation V Technology
logo
Infineon Technologies A...
IRF7342PBF INFINEON-IRF7342PBF Datasheet
337Kb / 8P
Dual P Channel MOSFET
2016-5-26
logo
International Rectifier
IRF7342PBF-1 IRF-IRF7342PBF-1 Datasheet
184Kb / 7P
Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
Industry-standard pinout SO-8 Package
More results


Similar Description - IRF7342PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ46N IRF-IRFZ46N_04 Datasheet
190Kb / 9P
HEXFET짰 Power MOSFET(VDSS = 55V,RDS(on) = 16.5m廓,ID = 53A)
IRLZ34NSPBF IRF-IRLZ34NSPBF Datasheet
297Kb / 11P
HEXFET Power MOSFET ( VDSS = 55V , RDS(on) = 0.035廓 , ID = 30A )
IRF1407SPBF IRF-IRF1407SPBF Datasheet
258Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
IRFR2905ZPBF IRF-IRFR2905ZPBF Datasheet
278Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 14.5m廓 , ID = 42A )
IRFR4104PBF IRF-IRFR4104PBF Datasheet
273Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 5.5m廓 , ID = 42A )
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
IRFP054VPBF IRF-IRFP054VPBF Datasheet
176Kb / 9P
HEXFET짰 Power MOSFET ( VDSS = 60V , RDS(on) = 9.0m廓 , ID = 93A )
IRFZ44VZPBF IRF-IRFZ44VZPBF Datasheet
355Kb / 13P
HEXFET짰 Power MOSFET ( VDSS = 60V , RDS(on) = 12m廓 , ID = 57A )
IRFZ44ZPBF IRF-IRFZ44ZPBF Datasheet
291Kb / 13P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
IRF1405ZS-7PPBF IRF-IRF1405ZS-7PPBF Datasheet
696Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 120A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com