Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8273 Datasheet (PDF) - Analog Devices

AD8273 Datasheet PDF - Analog Devices
Part # AD8273
Download  AD8273 Download
File Size   152.14 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Dual-Channel Difference Amplifier

AD8273 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8273 Datasheet PDF - Analog Devices

Part # AD8273
Download  AD8273 Click to download

File Size   152.14 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Dual-Channel Difference Amplifier

AD8273 Datasheet (HTML) - Analog Devices


AD8273 Product details

GENERAL DESCRIPTION
The AD8270 is a low distortion, dual-channel amplifier with internal gain setting resistors. With no external components, it can be configured as a high performance difference amplifier with gains of 0.5, 1, or 2. It can also be configured in over 40 singleended configurations, with gains ranging from −2 to +3.
   
FEATURES
    With no external resistors
        Difference amplifier: gains of 0.5, 1, or 2
        Single ended amplifiers: over 40 different gains
        Set reference voltage at midsupply
    Excellent ac specifications
        15 MHz bandwidth
        30 V/μs slew rate
    High accuracy dc performance
        0.08% maximum gain error
        10 ppm/°C maximum gain drift
        80 dB minimum CMRR (G = 2)
    Two channels in small 4 mm × 4 mm LFCSP
    Supply current: 2.5 mA per channel
    Supply range: ±2.5 V to ±18 V
   
APPLICATIONS
    Instrumentation amplifier building blocks
    Level translators
    Automatic test equipment
    High performance audio
    Sine/cosine encoders
   




Similar Part No. - AD8273

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8273 AD-AD8273 Datasheet
144Kb / 4P
Dual-Channel Audio Difference Amplifier
AD8273 AD-AD8273 Datasheet
425Kb / 16P
Dual-Channel, Audio Difference Amplifier
1/08-Revision 0
logo
Aavid, Thermal Division...
AD8273 AAVID-AD8273 Datasheet
375Kb / 16P
Very Low Distortion, Precision Difference Amplifier
Rev. C
AD8273 AAVID-AD8273 Datasheet
398Kb / 16P
G = 0.2, Level Translation, 16-Bit ADC Driver
Rev. A
logo
Analog Devices
AD8273 AD-AD8273 Datasheet
513Kb / 24P
Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
More results


Similar Description - AD8273

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8273 AD-AD8273 Datasheet
144Kb / 4P
Dual-Channel Audio Difference Amplifier
AD8270 AD-AD8270_08 Datasheet
605Kb / 20P
Precision Dual-Channel, Difference Amplifier
1/08-Revision 0
AD8273 AD-AD8273_08 Datasheet
425Kb / 16P
Dual-Channel, Audio Difference Amplifier
1/08-Revision 0
logo
Texas Instruments
LMP8270 TI1-LMP8270 Datasheet
438Kb / 17P
Precision Voltage Difference Amplifier
LMP8272 TI1-LMP8272 Datasheet
357Kb / 16P
Precision Voltage Difference Amplifier
LMP8275 TI1-LMP8275 Datasheet
392Kb / 15P
Precision Voltage Difference Amplifier
logo
Analog Devices
AD8720 AD-AD8720_08 Datasheet
605Kb / 20P
Precision Dual-Channel, Difference Amplifier
REV. 0
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
High Voltage, Precision Difference Amplifier
12/2016-Rev. B to Rev. C
AD8270 AD-AD8270_16 Datasheet
464Kb / 20P
Precision Dual-Channel Difference Amplifier
May-2016
AD8273 AD-AD8273_V01 Datasheet
329Kb / 16P
Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com