Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD628 Datasheet (PDF) - Analog Devices

AD628 Datasheet PDF - Analog Devices
Part # AD628
Download  AD628 Download
File Size   144.64 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel Audio Difference Amplifier

AD628 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD628 Datasheet PDF - Analog Devices

Part # AD628
Download  AD628 Click to download

File Size   144.64 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel Audio Difference Amplifier

AD628 Datasheet (HTML) - Analog Devices


AD628 Product details

GENERAL DESCRIPTION
The AD8273 is a low distortion, dual-channel amplifier with internal gain setting resistors. With no external components, it can be configured as a high performance difference amplifier (G = ½ or 2), inverting amplifier (G = ½ or 2), or noninverting amplifier (G = 1½ or 3). The AD8273 operates on both single and dual supplies and only requires 2.5 mA maximum supply current for each amplifier. It is specified over the industrial temperature range of −40°C to+85°C and is fully RoHS compliant.

FEATURES
   ±4000 V HBM ESD
   Very low distortion
      0.00025% THD + N (20 kHz)
      0.0015% THD + N (100 kHz)
      Drives 600 Ω loads
   Two gain settings
      Gain of ½ (−6 dB)
      Gain of 2 (+6 dB)
      0.05% maximum gain error
      10 ppm/°C maximum gain drift
   Excellent ac specifications
      20 V/μs minimum slew rate
      800 ns to 0.01% settling time
   High accuracy dc performance
      77 dB minimum CMRR
      700 μV maximum offset voltage
   14-lead SOIC package
   Supply current: 2.5 mA maximum per channel
   Supply range: ±2.5 V to ±18 V

APPLICATIONS
   ADC drivers
   High performance audio
   Instrumentation amplifier building blocks
   Level translators
   Automatic test equipment
   Sine/cosine encoders




Similar Part No. - AD628

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD628 AD-AD628 Datasheet
247Kb / 20P
High Common-Mode Voltage Programmable Gain Difference Amplifier
4/04-Data Sheet Changed from Rev. B to Rev. C
AD628 AD-AD628 Datasheet
595Kb / 24P
Precision, Dual-Channel Instrumentation Amplifier
7/06-Revision 0
AD628 AD-AD628 Datasheet
453Kb / 20P
High Common-Mode Voltage, Programmable Gain Difference Amplifier
3/06-Rev. E to Rev. F
AD628 AD-AD628 Datasheet
217Kb / 10P
10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
4/07-Revision 0
AD628 AD-AD628 Datasheet
152Kb / 4P
Precision, Dual-Channel Difference Amplifier
More results


Similar Description - AD628

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
Video Difference Amplifier
logo
Analog Devices
AD8270 AD-AD8270 Datasheet
152Kb / 4P
Precision, Dual-Channel Difference Amplifier
AD8270 AD-AD8270_08 Datasheet
605Kb / 20P
Precision Dual-Channel, Difference Amplifier
1/08-Revision 0
AD8273 AD-AD8273_08 Datasheet
425Kb / 16P
Dual-Channel, Audio Difference Amplifier
1/08-Revision 0
logo
Unisonic Technologies
PC1316 UTC-PC1316_15 Datasheet
213Kb / 4P
DUAL CHANNEL AUDIO POWER AMPLIFIER
logo
Analog Devices
AD8720 AD-AD8720_08 Datasheet
605Kb / 20P
Precision Dual-Channel, Difference Amplifier
REV. 0
AD8270 AD-AD8270_16 Datasheet
464Kb / 20P
Precision Dual-Channel Difference Amplifier
May-2016
logo
Shenzhen Huazhimei Semi...
HM4809 HMSEMI-HM4809 Datasheet
626Kb / 7P
dual channel audio power amplifier
logo
Analog Devices
AD8273 AD-AD8273_V01 Datasheet
329Kb / 16P
Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
logo
Guangdong Youtai Semico...
LM833 UMW-LM833 Datasheet
866Kb / 5P
Dual channel audio operational amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com