Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5058 Datasheet (PDF) - Maxim Integrated Products

MAX5058 Datasheet PDF - Maxim Integrated Products
Part # MAX5058
Download  MAX5058 Download
File Size   460.5 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Parallelable Secondary-Side Synchronous Rectifier Driver and Feedback-Generator Controller ICs

MAX5058 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5058 Datasheet PDF - Maxim Integrated Products

Part # MAX5058
Download  MAX5058 Click to download

File Size   460.5 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Parallelable Secondary-Side Synchronous Rectifier Driver and Feedback-Generator Controller ICs

MAX5058 Datasheet (HTML) - Maxim Integrated Products


MAX5058 Product details

General Description
The MAX5058/MAX5059 enable secondary-side synchronous rectification in isolated power supplies using widely available power MOSFETs. These devices facilitate the commutation of the secondary-side MOSFETs by providing a clean gate-drive signal that is synchronized to the power MOSFET switching in the primary side of the isolation transformer.

Features
♦ Clean Drive Waveforms for Synchronous
   MOSFETs
♦ Utilization of a Look-Ahead Signal from the
   Primary for Proper Turn-On/Turn-Off Times
♦ Synchronous Rectifier Drivers Capable of
   Sourcing and Sinking Up to 2A Peak Current
♦ Internal Gate-Voltage Regulator for 5V (MAX5058)
   or 10V (MAX5059) Gate-Drive Voltage
♦ Internal Error Amplifier
♦ Accurate Differential Current-Share/Force Circuit
   Allows Paralleling of Several Power Supplies for
   High Output Current
♦ Internal Remote Voltage-Sense Amplifier
♦ Flexible Reference-Voltage Generation
♦ Output Voltage Regulation Down to 0.5V
♦ Low Quiescent Current Consumption of 2.5mA
♦ Integrated Digital Output Margining Circuit Saves
   External Parts and Board Space
♦ 30ns Propagation Delay Time from Pulse Input
   to Output
♦ Automatic Detection of Discontinuous Current
   Conduction and Turn-Off of the Freewheeling
   MOSFET
♦ High Efficiency at Low Output Currents and
   Reverse-Current Protection
♦ Open-Drain Overtemperature Warning Flag
♦ 28-Pin Thermally Enhanced TSSOP Package

Applications
   Isolated Telecom Power Supplies
   Isolated Networking Power Supplies
   ±48V Power-Supply Modules
   Industrial Power Supplies
   ±48V/±12V Server Power Supplies




Similar Part No. - MAX5058

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5058 MAXIM-MAX5058 Datasheet
835Kb / 11P
fully assembled and tested circuit board
Rev 0; 6/04
MAX5058EVKIT MAXIM-MAX5058EVKIT Datasheet
835Kb / 11P
fully assembled and tested circuit board
Rev 0; 6/04
More results


Similar Description - MAX5058

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3726 LINER-LTC3726 Datasheet
225Kb / 16P
Secondary-Side Synchronous Forward Controller
logo
ON Semiconductor
NCP4302 ONSEMI-NCP4302 Datasheet
150Kb / 16P
Secondary Side Synchronous Flyback Controller
February, 2008 - Rev. 2
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
Secondary-Side Synchronous Rectifier Controller
logo
Linear Technology
LT8309 LINER-LT8309_15 Datasheet
232Kb / 14P
Secondary-Side Synchronous Rectifier Driver
logo
Diodes Incorporated
APR343 DIODES-APR343 Datasheet
473Kb / 12P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 4
logo
ON Semiconductor
FAN6240 ONSEMI-FAN6240 Datasheet
521Kb / 10P
Secondary-Side Synchronous Rectifier Controller Flyback Converters
July 2016 Rev. 1.0
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 6
logo
Grenergy Opto, lnc.
GR8387 GRENERGY-GR8387 Datasheet
601Kb / 11P
Secondary Side Synchronous Rectifier Controller
logo
Diodes Incorporated
APR347 DIODES-APR347 Datasheet
439Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com