Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB42MUX-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

FSUSB42MUX-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # FSUSB42MUX-TP
Download  FSUSB42MUX-TP Download
File Size   3679.58 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description High Speed USB 2.0 (480Mbps) DPDT Analog Switch

FSUSB42MUX-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
FSUSB42MUX-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # FSUSB42MUX-TP
Download  FSUSB42MUX-TP Click to download

File Size   3679.58 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description High Speed USB 2.0 (480Mbps) DPDT Analog Switch

FSUSB42MUX-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


FSUSB42MUX-TP Product details

Features

® Low On-resistance, Ron=1.8Q when VCC =5V/

« 1.8V Logic Compatible Control Pin

» High Off-Isolation: -100dB @ 100KHz

'« COM+/- Overrides VCC to Achieve True
Isolation Even When Supply Is Dead

o Low Channel-to-Channel Crosstalk:
-97dB @ 100KHz

« High Bandwidth (-3dB @720MHz) Suitable
For USB2.0 High-Speed Routing

© Low Quiescent Current (<2uA) With Very
Wide Supply Range (1.5V ~ 5.5V)

Applications

‘ Mobile Phones, Tablets and Notebooks

« Anywhere a USB Type-C™ or Micro-8
Connector is Used




Similar Part No. - FSUSB42MUX-TP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB42MUX FAIRCHILD-FSUSB42MUX Datasheet
1Mb / 10P
FSUSB42 ??Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) UART Switch
logo
ON Semiconductor
FSUSB42MUX ONSEMI-FSUSB42MUX Datasheet
584Kb / 10P
Low-Power, Two-Port, High-Speed, USB2.0 UART Switch
October-2017, Rev. 2
logo
Fairchild Semiconductor
FSUSB42MUX FAIRCHILD-FSUSB42MUX_12 Datasheet
723Kb / 10P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) UART Switch
More results


Similar Description - FSUSB42MUX-TP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2720 VISHAY-DG2720 Datasheet
133Kb / 8P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
23-Jun-08
DG2722 VISHAY-DG2722 Datasheet
130Kb / 8P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
13-Oct-08
DG2730 VISHAY-DG2730 Datasheet
179Kb / 9P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
05-Sep-11
logo
Texas Instruments
TS3USB3000 TI-TS3USB3000 Datasheet
1Mb / 22P
DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
logo
ON Semiconductor
NLAS7222A ONSEMI-NLAS7222A_11 Datasheet
205Kb / 11P
High-Speed USB 2.0 DPDT Switch
October, 2011 ??Rev. 5
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Will Semiconductor Ltd.
WAS7222Q WILLSEMI-WAS7222Q Datasheet
682Kb / 9P
USB High speed (480Mbps), DPDT Analog Switch
WAS7227Q WILLSEMI-WAS7227Q Datasheet
688Kb / 9P
USB High speed (480Mbps), DPDT Analog Switch
logo
Vishay Siliconix
DG2720 VISHAY-DG2720_V01 Datasheet
165Kb / 9P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
15-Dec-14
DG2730 VISHAY-DG2730_V01 Datasheet
162Kb / 10P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
23-Jan-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com