Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSTS4S-915SW Datasheet (PDF) - Belden Inc.

RSTS4S-915SW Datasheet PDF - Belden Inc.
Part # RSTS4S-915SW
Download  RSTS4S-915SW Download
File Size   494.62 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M12 Power Single-Ended Cordset: Male, straight, 4-pin(3PE), S-coded, shielded, black body, 600 V AC/DC, 16 A; PVC black cable, 1.50 mm²

RSTS4S-915SW Datasheet (PDF)

Go To PDF Page Download Datasheet
RSTS4S-915SW Datasheet PDF - Belden Inc.

Part # RSTS4S-915SW
Download  RSTS4S-915SW Click to download

File Size   494.62 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M12 Power Single-Ended Cordset: Male, straight, 4-pin(3PE), S-coded, shielded, black body, 600 V AC/DC, 16 A; PVC black cable, 1.50 mm²

RSTS4S-915SW Datasheet (HTML) - Belden Inc.


RSTS4S-915SW Product details

Product Description
M12 Power Single-Ended Cordset: Male, straight, 4-pin(3+PE), S-coded, shielded, black body, 600 V AC/DC, 16 A; PVC black cable, 1.50 mm²




Similar Part No. - RSTS4S-915SW

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RSTS4S-RKTS4S-700 BELDEN-RSTS4S-RKTS4S-700 Datasheet
742Kb / 4P
M12 Power Double-Ended Cordset: Male straight to female straight, 4-pin(3PE), S-coded, shielded, blue body, 600 V AC/DC, 16 A; PUR black cable, 1.50 mm²
RSTS4S-RKTS4S-915 BELDEN-RSTS4S-RKTS4S-915 Datasheet
741Kb / 4P
M12 Power Double-Ended Cordset: Male straight to female straight, 4-pin(3PE), S-coded, shielded, blue body, 600 V AC/DC, 16 A; PVC black cable, 1.50 mm²
RSTS4S-RKTS4S-915SW BELDEN-RSTS4S-RKTS4S-915SW Datasheet
741Kb / 4P
M12 Power Double-Ended Cordset: Male straight to female straight, 4-pin(3PE), S-coded, shielded, black body, 600 V AC/DC, 16 A; PVC black cable, 1.50 mm²
More results


Similar Description - RSTS4S-915SW

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XZCRA151140A2 SCHNEIDER-XZCRA151140A2 Datasheet
112Kb / 4P
jumper cable XZ - male straight M12 3-pin - female straight M12 3-pin - PVC 2m
Dec 7, 2020
XZCRV1511040A1 SCHNEIDER-XZCRV1511040A1 Datasheet
93Kb / 4P
jumper cable XZ - male straight M12 3-pin - female straight M12 3-pin - PVC 1m
Dec 7, 2020
XZCRV1511040A2 SCHNEIDER-XZCRV1511040A2 Datasheet
94Kb / 4P
jumper cable XZ - male straight M12 3-pin - female straight M12 3-pin - PVC 2m
Dec 7, 2020
logo
Molex Electronics Ltd.
1200790263 MOLEX-1200790263 Datasheet
37Kb / 2P
Ultra-Lock (M12) Single-Ended Cordset, 4 Poles, Male (Straight) to Pigtail, 22 AWG, Black PVC Cable, 2.0m (6.56) Length
11/22/2022
1200790265 MOLEX-1200790265 Datasheet
27Kb / 2P
Ultra-Lock (M12) Single-Ended Cordset, 4 Poles, Male (Straight) to Pigtail, 22 AWG, Black PVC Cable, 10.0m (32.81) Length
11/22/2022
1200798003 MOLEX-1200798003 Datasheet
27Kb / 2P
Ultra-Lock (M12) Single-Ended Cordset, 4 Poles, Male (Straight) to Pigtail, 22 AWG, Black PVC Cable, 5.0m (16.40) Length
11/18/2022
1200060240 MOLEX-1200060240 Datasheet
32Kb / 2P
Micro-Change (M12) Single-Ended Cordset, 3 Poles, Male (Straight) to Pigtail, 0.34mm² Black PVC Cable, 2.0m (6.56) Length
01/31/2023
1200060560 MOLEX-1200060560 Datasheet
32Kb / 2P
Micro-Change (M12) Single-Ended Cordset, 4 Poles, Male (Straight) to Pigtail, 0.34mm² Black PVC Cable, 2.0m (6.56) Length
01/31/2023
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com