Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSWPA4-RKWPA4-805 Datasheet (PDF) - Belden Inc.

RSWPA4-RKWPA4-805 Datasheet PDF - Belden Inc.
Part # RSWPA4-RKWPA4-805
Download  RSWPA4-RKWPA4-805 Download
File Size   462.78 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Mini Power Double-Ended Cordset: 7/8" male angled to 7/8" female angled, 4-pin(3PE), black body, 600 V, 15 A; TPE black cable, 14 AWG

RSWPA4-RKWPA4-805 Datasheet (PDF)

Go To PDF Page Download Datasheet
RSWPA4-RKWPA4-805 Datasheet PDF - Belden Inc.

Part # RSWPA4-RKWPA4-805
Download  RSWPA4-RKWPA4-805 Click to download

File Size   462.78 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Mini Power Double-Ended Cordset: 7/8" male angled to 7/8" female angled, 4-pin(3PE), black body, 600 V, 15 A; TPE black cable, 14 AWG

RSWPA4-RKWPA4-805 Datasheet (HTML) - Belden Inc.


RSWPA4-RKWPA4-805 Product details

Product Description
Mini Power Double-Ended Cordset: 7/8" male angled to 7/8" female angled, 4-pin(3+PE), black body, 600 V, 15 A; TPE black cable, 14 AWG




Similar Part No. - RSWPA4-RKWPA4-805

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RSWPA3-802 BELDEN-RSWPA3-802 Datasheet
590Kb / 3P
Mini Power Single-Ended Cordset: 7/8", male, angled, 3-pin(2PE), black body, 600 V, 18 A; TPE black cable, 14 AWG
More results


Similar Description - RSWPA4-RKWPA4-805

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
HDMF00201 SHIELD-HDMF00201 Datasheet
293Kb / 2P
7/8 with cable, angled
logo
Alpha Wire
LR03KR107 ALPHAWIRE-LR03KR107 Datasheet
148Kb / 2P
Mini Male 7/8??to Mini Female 7/8?
LR03KR113 ALPHAWIRE-LR03KR113 Datasheet
151Kb / 3P
Mini Male 7/8??to Mini Female
LR03KW107 ALPHAWIRE-LR03KW107 Datasheet
153Kb / 2P
Mini Male 7/8??to Mini Female 7/8??90 Degree
LR04KR108 ALPHAWIRE-LR04KR108 Datasheet
151Kb / 2P
Mini Male 7/8??to Mini Female 7/8?
LR04KR114 ALPHAWIRE-LR04KR114 Datasheet
151Kb / 3P
Mini Male 7/8??to Mini Female
LR04KW108 ALPHAWIRE-LR04KW108 Datasheet
158Kb / 3P
Mini Male 7/8??to Mini Female 7/8??90 Degree
LR05KR109 ALPHAWIRE-LR05KR109 Datasheet
150Kb / 2P
Mini Male 7/8??to Mini Female 7/8?
LR05KW109 ALPHAWIRE-LR05KW109 Datasheet
155Kb / 3P
Mini Male 7/8??to Mini Female 7/8??90 Degree
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com