Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

81040 Datasheet (PDF) - Belden Inc.

81040 Datasheet PDF - Belden Inc.
Part # 81040
Download  81040 Download
File Size   421.56 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M23 Power Single-Ended Cordset: Male, straight, 19-pin, black body, 120 V AC/DC, 16x8 A 3x10 A; PUR black cable, 16x0.5 mm² 3x1.0 mm²

81040 Datasheet (PDF)

Go To PDF Page Download Datasheet
81040 Datasheet PDF - Belden Inc.

Part # 81040
Download  81040 Click to download

File Size   421.56 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M23 Power Single-Ended Cordset: Male, straight, 19-pin, black body, 120 V AC/DC, 16x8 A 3x10 A; PUR black cable, 16x0.5 mm² 3x1.0 mm²

81040 Datasheet (HTML) - Belden Inc.


81040 Product details

Product Description
M23 Power Single-Ended Cordset: Male, straight, 19-pin, black body, 120 V AC/DC, 16x8 A + 3x10 A; PUR black cable, 16x0.5 mm² + 3x1.0 mm²




Similar Part No. - 81040

ManufacturerPart #DatasheetDescription
logo
Brady Worldwide, Inc.
81040 BRADY-81040 Datasheet
116Kb / 1P
IDPAL™ LABELLING TOOL
logo
3M Electronics
81040-500203 3M-81040-500203 Datasheet
1Mb / 8P
3M™ 4-Wall, Tripolarized Header .050" × .100" Latch/Ejector, PTH & SMT Straight, PTH Right Angle
April 2, 2013
81040-500203-RB 3M-81040-500203-RB Datasheet
1Mb / 8P
3M™ 4-Wall, Tripolarized Header .050" × .100" Latch/Ejector, PTH & SMT Straight, PTH Right Angle
April 2, 2013
81040-500303 3M-81040-500303 Datasheet
1Mb / 8P
3M™ 4-Wall, Tripolarized Header .050" × .100" Latch/Ejector, PTH & SMT Straight, PTH Right Angle
April 2, 2013
81040-500303-RB 3M-81040-500303-RB Datasheet
1Mb / 8P
3M™ 4-Wall, Tripolarized Header .050" × .100" Latch/Ejector, PTH & SMT Straight, PTH Right Angle
April 2, 2013
More results


Similar Description - 81040

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300060196 MOLEX11-1300060196 Datasheet
232Kb / 4P
Mini-Change짰 A-Size Single-Ended Cordset, Straight Male to Pigtail
logo
Schneider Electric
XZCC23MDM190S SCHNEIDER-XZCC23MDM190S Datasheet
101Kb / 3P
male, M23, 19-pin, straight connector - cable gland Pg 13.5
Dec 7, 2020
XZCC23FDM190S SCHNEIDER-XZCC23FDM190S Datasheet
84Kb / 4P
female, M23, 19-pin, straight connector - cable gland Pg 13.5
Jan 7, 2021
XZCC23MCM190S SCHNEIDER-XZCC23MCM190S Datasheet
84Kb / 3P
male, M23, 19-pin, elbowed connector - cable gland Pg 13.5
Jan 7, 2021
logo
Molex Electronics Ltd.
1200835015 MOLEX-1200835015 Datasheet
27Kb / 1P
Ultra-Lock (M12) Single-Ended Cordset, 12 Poles, Male (Straight) to Pigtail, 26 AWG, PUR Cable, 2.0m (6.56) Length, Black
09/23/2022
1200835140 MOLEX-1200835140 Datasheet
27Kb / 1P
Ultra-Lock (M12) Single-Ended Cordset, 8 Poles, Male (Straight) to Pigtail, 24 AWG, PUR Cable, 5.0m (16.40) Length, Black
11/17/2022
1300108046 MOLEX-1300108046 Datasheet
29Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 5 Poles, Male (Straight) to Female (Straight), 16 AWG, Black TPU Cable, 3.0m (9.84) Length, Black
03/30/2023
1300108047 MOLEX-1300108047 Datasheet
29Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 5 Poles, Male (Straight) to Female (Straight), 16 AWG, Black TPU Cable, 5.0m (16.40) Length, Black
02/01/2023
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com