Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AC596 Datasheet (PDF) - Texas Instruments

SN74AC596 Datasheet PDF - Texas Instruments
Part # SN74AC596
Download  SN74AC596 Download
File Size   1282.59 Kbytes
Page   28 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SN74AC596 Triple Ultra-Configurable Multiple-Function Gates With 3-State Outputs And Schmitt-Trigger Inputs

SN74AC596 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AC596 Datasheet PDF - Texas Instruments

Part # SN74AC596
Download  SN74AC596 Click to download

File Size   1282.59 Kbytes
Page   28 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SN74AC596 Triple Ultra-Configurable Multiple-Function Gates With 3-State Outputs And Schmitt-Trigger Inputs

SN74AC596 Datasheet (HTML) - Texas Instruments


SN74AC596 Product details

1 Features
• Wide operating range of 1.5V to 6V
• Inputs accept voltages up to 6V
• Continuous ±24mA output drive at 5V
• Supports up to ±75mA output drive at 5V
in short bursts
• Drives 50Ω transmission lines
• Maximum tpd of 10.6ns at 5V, 50pF load

2 Applications
• Combine power good signals
• Combine enable signals
• Eliminate slow or noisy input signals
• Synchronize inverted clock inputs
• Debounce a switch
• Use fewer inputs to monitor error signals
• Data selection
• Multiplexing

3 Description
The SN74AC596 device contains three independent
configurable logic gates with 3-state outputs. Each
gate has four inputs and performs the boolean
function Y = (A•C+B•C)⊕D. All inputs include Schmitttriggers,
eliminating any erroneous data outputs due
to slow-edged or noisy input signals.




Similar Part No. - SN74AC596

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AC596 TI-SN74AC596 Datasheet
1Mb / 35P
SN74AC596-Q1 Automotive 8-Bit Shift Register With Open-Drain Output Registers
NOVEMBER 2024
SN74AC596 TI1-SN74AC596 Datasheet
1Mb / 35P
SN74AC596 8-Bit Shift Register With Open-Drain Output Registers
NOVEMBER 2024
SN74AC596-Q1 TI-SN74AC596-Q1 Datasheet
1Mb / 35P
SN74AC596-Q1 Automotive 8-Bit Shift Register With Open-Drain Output Registers
NOVEMBER 2024
SN74AC596-Q1 TI1-SN74AC596-Q1 Datasheet
1Mb / 35P
SN74AC596 8-Bit Shift Register With Open-Drain Output Registers
NOVEMBER 2024
SN74AC596BQBR TI1-SN74AC596BQBR Datasheet
1Mb / 35P
SN74AC596 8-Bit Shift Register With Open-Drain Output Registers
NOVEMBER 2024
More results


Similar Description - SN74AC596

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G99 TI-SN74LVC1G99 Datasheet
399Kb / 18P
ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
SN74HCS10 TI1-SN74HCS10 Datasheet
375Kb / 18P
SN74HCS10 Triple 3-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS11 TI1-SN74HCS11 Datasheet
367Kb / 18P
SN74HCS11 Triple 3-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS27 TI1-SN74HCS27 Datasheet
368Kb / 19P
SN74HCS27 Triple 3-Input NOR Gates with Schmitt-Trigger Inputs
SN74HCS4075 TI1-SN74HCS4075 Datasheet
370Kb / 19P
SN74HCS4075 Triple 3-Input OR Gates with Schmitt-Trigger Inputs
SN74HCS11 TI1-SN74HCS11_V01 Datasheet
993Kb / 22P
SN74HCS11 Triple 3-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS27 TI1-SN74HCS27_V01 Datasheet
994Kb / 23P
SN74HCS27 Triple 3-Input NOR Gates with Schmitt-Trigger Inputs
SN74HCS4075 TI1-SN74HCS4075_V01 Datasheet
996Kb / 23P
SN74HCS4075 Triple 3-Input OR Gates with Schmitt-Trigger Inputs
SN74LVC3G97-Q1 TI-SN74LVC3G97-Q1 Datasheet
1Mb / 24P
SN74LVC3G97-Q1 Automotive Configurable Multiple-Function Gates with Schmitt- Trigger Inputs
OCTOBER 2023
SN74LVC3G98-Q1 TI-SN74LVC3G98-Q1 Datasheet
1Mb / 24P
SN74LVC3G98-Q1 Automotive Configurable Multiple-Function Gates with Schmitt-Trigger Inputs
OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com