Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK1D2106 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LMK1D2106 Datasheet PDF - Texas Instruments
Part # LMK1D2106
Download  LMK1D2106 Download
File Size   2477.37 Kbytes
Page   46 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMK1D210xL Ultra Low Additive Jitter LVDS Buffer

LMK1D2106 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMK1D2106 Datasheet PDF - Texas Instruments

Part # LMK1D2106
Download  LMK1D2106 Click to download

File Size   2477.37 Kbytes
Page   46 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMK1D210xL Ultra Low Additive Jitter LVDS Buffer

LMK1D2106 Datasheet (HTML) - Texas Instruments


LMK1D2106 Product details

1 Features
• High-performance LVDS clock buffer family: up to
2GHz
– Dual 1:2 differential buffer
– Dual 1:4 differential buffer
– Dual 1:6 differential buffer
– Dual 1:8 differential buffer
• Supply voltage: 1.71V to 3.465V
• Dual output common mode voltage operation:
– Output common mode voltage: 0.7V at 1.8V
supply voltage.
– Output common mode voltage: 1.2V at 2.5V/
3.3V supply voltage
• Low additive jitter:
– < 17fs RMS typical in 12kHz to
20MHz at 1250.25MHz
– < 22fs RMS typical in 12kHz to
20MHz at 625MHz
– < 60fs RMS maximum in 12kHz to
20MHz at 156.25MHz
– Very low phase noise floor: -164dBc/Hz (typical
at 156.25MHz)
• Very low propagation delay: < 575ps maximum
• Output skew:
– 15ps maximum (LMK1D2102, LMK1D2104)
– 20ps maximum (LMK1D2106, LMK1D2106)
• Part to Part skew: 150ps
• High-swing LVDS (boosted mode): 500mV VOD
typical when AMP_SELA, AMP_SELB= Floating
• Bank enable/disable using AMP_SELA and
AMP_SELB Section 8.4.1
• Fail-safe input operation
• Universal inputs accept LVDS, LVPECL, LVCMOS,
HCSL and CML signal levels
• LVDS reference voltage, VAC_REF, available for
capacitive-coupled inputs
• Extended industrial temperature range: –40°C to
105°C

2 Applications
• Telecommunications and networking
• Medical imaging
• Test and measurement
• Wireless infrastructure
• Pro audio, video and signage

3 Description
The LMK1D210xL is a low noise dual clock buffer
which distributes one input to a maximum of 2
(LMK1D2102L), 4 (LMK1D2104L), 6 (LMK1D2106L)
or 8 (LMK1D2108L) LVDS outputs. The inputs can
either be LVDS, LVPECL, HCSL, CML, or LVCMOS.
The LMK1D210xL is specifically designed for driving
50Ω transmission lines. When driving inputs in singleended
mode, apply the appropriate bias voltage to the
unused negative input pin (see Figure 8-8).
LMK1D210xL buffer offers two output common mode
operation (0.7V and 1.2V) for different operating
supply. The device provides flexibility in design for
DC-coupled mode applications.
AMP_SELA / AMP_SELB control pin can be used
to select different output amplitude LVDS (350mV)
or boosted LVDS (500mV). In addition to amplitude
selection, outputs can be disabled using the same pin.
The part also supports Fail-Safe Input function for
clock and digital input pins. The device further
incorporates an input hysteresis which prevents
random oscillation of the outputs in the absence of
an input signal.




Similar Part No. - LMK1D2106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK1D2106 TI-LMK1D2106 Datasheet
3Mb / 37P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS829 ??OCTOBER 2021
LMK1D2106 TI-LMK1D2106 Datasheet
2Mb / 46P
LMK1D210xL Ultra Low Additive Jitter LVDS Buffer
SEPTEMBER 2024
LMK1D2106 TI1-LMK1D2106 Datasheet
2Mb / 46P
LMK1D210xL Ultra Low Additive Jitter LVDS Buffer
NOVEMBER 2024
LMK1D2106 TI2-LMK1D2106 Datasheet
1Mb / 32P
LMK1D1204P Pin-Controlled OE Low Additive Jitter LVDS Buffer
REVISED JUNE 2023
LMK1D2106 TI2-LMK1D2106 Datasheet
1Mb / 35P
LMK1D120x Low Additive Jitter LVDS Buffer
REVISED JUNE 2023
More results


Similar Description - LMK1D2106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1208 TI1-CDCLVD1208 Datasheet
786Kb / 21P
2:8 Low Additive Jitter LVDS Buffer
CDCLVD1212 TI1-CDCLVD1212 Datasheet
707Kb / 20P
2:12 Low Additive Jitter LVDS Buffer
CDCLVD1216 TI1-CDCLVD1216 Datasheet
752Kb / 20P
2:16 Low Additive Jitter LVDS Buffer
1633966 TI-1633966 Datasheet
756Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106_14 Datasheet
919Kb / 22P
Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD1204 TI1-CDCLVD1204_15 Datasheet
918Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D2106 TI-LMK1D2106 Datasheet
3Mb / 37P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS829 ??OCTOBER 2021
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com