Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP114 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TMP114 Datasheet PDF - Texas Instruments
Part # TMP114
Download  TMP114 Download
File Size   1352.06 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface

TMP114 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP114 Datasheet PDF - Texas Instruments

Part # TMP114
Download  TMP114 Click to download

File Size   1352.06 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMP118 Ultra-small, High-Accuracy, Low-power, Digital Temperature Sensor With SMBus™- and I2C-compatible Interface

TMP114 Datasheet (HTML) - Texas Instruments


TMP114 Product details

1 Features
• Ultra-small, ultra-thin PicoStar™ package:
– Size: 0.55 × 0.61 × 0.24mm
– Small thermal mass: 0.14mJ/°C
• TMP118 high-accuracy temperature sensor:
– ±0.05°C (typical) from 0°C to 50°C
– ±0.1°C (maximum) from 0°C to 50°C
– ±0.2 °C (maximum) from –20°C to 85°C
– ±0.4 °C (maximum) from –40°C to 125°C
• Low power consumption:
– 55μA active current
– 80nA shutdown current
– 1.4μA average current, 1Hz conversion cycle
• Supply range: 1.4V to 5.5V
• 1.2V logic compatible (independent of supply)
• 3 averaging options to reduce measurement noise
• 16-bit resolution: 0.0078125°C (LSB)
• I2C and SMBus compatible
• I3C Mixed Bus co-existence capable
• Programmable temperature alert limits
• NIST traceability with unique device IDs

2 Applications
• Mobile Phones
• Smartwatch
• Smart Trackers
• Tablets
• Medical Sensor Patches

3 Description
The TMP118 is the industry smallest temperature
sensor in an industry leading 0.55mm × 0.61mm ×
0.24mm PICOSTAR package. The TMP118 provides
a 16-bit temperature result with a resolution of
0.0078125°C and an accuracy of up to ±0.1°C
across the temperature range of 0°C to 50°C with
no additional calibration. The device is designed to
help meet the system level ASTM E1112 and ISO
80601 accuracy requirements for electronic patient
thermometers.
The TMP118 is designed to operate from a supply
voltage as low as 1.4V, with a low average and
shutdown current of 1.4μA (at 1Hz, no averaging)
and 80nA, respectively, allowing for an on-demand
temperature conversion to maximize battery life. The
TMP118 has an interface that is I2C- and SMBuscompatible
and has programmable alert functionality.
Logic level as low as 1V can be supported regardless
of the main supply rail, enabling interoperability with
a low voltage 1.2V controller without an additional
voltage level shifter.
The device offers unique IDs for improved traceability.
The TMP118 units are 100% tested on a production
setup that is NIST traceable and verified with
equipment that is calibrated to ISO/IEC 17025
accredited standards.




Similar Part No. - TMP114

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP114 TI-TMP114 Datasheet
1Mb / 43P
TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
TMP114 TI-TMP114 Datasheet
1Mb / 50P
TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
SEPTEMBER 2021
TMP114 TI-TMP114 Datasheet
1Mb / 50P
TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
SEPTEMBER 2021
TMP114 TI-TMP114 Datasheet
1Mb / 53P
TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
MAY 2022
TMP114 TI1-TMP114 Datasheet
1Mb / 48P
TMP119 Ultra-High Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
JANUARY 2024
More results


Similar Description - TMP114

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP112 TI-TMP112 Datasheet
539Kb / 24P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP116 TI1-TMP116 Datasheet
1Mb / 46P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_18 Datasheet
1Mb / 45P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
logo
NXP Semiconductors
PCT2202 NXP-PCT2202 Datasheet
1Mb / 30P
Ultra low power, 1.8 V, 1 deg. C accuracy, digital temperature sensor with I2C-bus interface
Rev. 1.1-14 August 2015
logo
Texas Instruments
TMP117 TI1-TMP117_19 Datasheet
1Mb / 49P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117_1903 TI1-TMP117_1903 Datasheet
1Mb / 51P
high-accuracy, low-power, digital temperature sensor with SMBus- and I2C-compatible interface
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com