Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-00041 Datasheet (PDF) - AG Electronica

LS-00041 Datasheet PDF - AG Electronica
Part # LS-00041
Download  LS-00041 Download
File Size   230.47 Kbytes
Page   1 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description Motor DC (6V) con alto Torque

LS-00041 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS-00041 Datasheet PDF - AG Electronica

Part # LS-00041
Download  LS-00041 Click to download

File Size   230.47 Kbytes
Page   1 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description Motor DC (6V) con alto Torque

LS-00041 Datasheet (HTML) - AG Electronica


LS-00041 Product details

Descripción:
Motor eléctrico de 6 volts que proporciona 220 rpm, tiene un alto torque, su poste tiene una longitud de 60 mm. con un diametro de 4mm.

Aplicaciones:
Ideal para competencias de robótica, bandas transportadoras; ideal para vehículos programados, mediante la selección del sentido de giro sin perder la potencia del motor.




Similar Part No. - LS-00041

ManufacturerPart #DatasheetDescription
logo
AG Electronica
LS-00046 AGELECTRONICA-LS-00046 Datasheet
195Kb / 1P
Motor de Vibración
10/05/2019
More results


Similar Description - LS-00041

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT11-013 ETC2-HT11-013 Datasheet
83Kb / 3P
NEMA 11 High Torque Step Motor
HT17-272 ETC2-HT17-272 Datasheet
79Kb / 3P
NEMA 17 High Torque Step Motor
HT17-276 ETC2-HT17-276 Datasheet
80Kb / 3P
NEMA 17 High Torque Step Motor
logo
MotionKing Motor Indust...
42BLDC MOTIONKING-42BLDC Datasheet
117Kb / 1P
3 Phase Hi-Torque DC Brushless Motor
57BLDC MOTIONKING-57BLDC Datasheet
134Kb / 1P
3 Phase Hi-Torque DC Brushless Motor
60BLDC MOTIONKING-60BLDC Datasheet
131Kb / 1P
3 Phase Hi-Torque DC Brushless Motor
70BLDC MOTIONKING-70BLDC Datasheet
123Kb / 1P
3 Phase Hi-Torque DC Brushless Motor
80BLDC MOTIONKING-80BLDC Datasheet
142Kb / 1P
3 Phase Hi-Torque DC Brushless Motor
90BLDC MOTIONKING-90BLDC Datasheet
127Kb / 1P
3 Phase Hi-Torque DC Brushless Motor
110BLDC MOTIONKING-110BLDC Datasheet
125Kb / 1P
3 Phase Hi-Torque DC Brushless Motor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com