Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3124 Datasheet (PDF) - Analog Devices

LTC3124 Datasheet PDF - Analog Devices
Part # LTC3124
Download  LTC3124 Download
File Size   808.58 Kbytes
Page   29 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8V, 12A, 2-Phase Low IQ Synchronous Boost Converter

LTC3124 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3124 Datasheet PDF - Analog Devices

Part # LTC3124
Download  LTC3124 Click to download

File Size   808.58 Kbytes
Page   29 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8V, 12A, 2-Phase Low IQ Synchronous Boost Converter

LTC3124 Datasheet (HTML) - Analog Devices


LTC3124 Product details

FEATURES
 Input Voltage Range: 2.5V to 5.5V
 Output Voltage Programmable Up to 8V
 2-Phase Operation Reduces Required Input and
Output Capacitance and Power Supply Induced
Noise
 Synchronous Operation for High Efficiency and
Reduced Heat Dissipation
 Stage SheddingTM and Optional Burst Mode®
Operation for High Efficiency at Light Load
 Low VIN Pin Quiescent Current:
 0.5μA in Shutdown
 15μA in Burst Mode Operation
 Integrated 8V/6A Synchronous Power Switches
 Adjustable and Synchronizable: 300kHz to 4MHz
 Burst Mode or Forced Continuous Operation at Light
Load
 Accurate 1V Enable Pin Threshold
 Small 1.9mm x 2.6mm WLCSP Package
APPLICATIONS
 Handheld and Industrial Power Supplies




Similar Part No. - LTC3124

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3124 LINER-LTC3124 Datasheet
650Kb / 28P
15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
logo
Analog Devices
LTC3124 AD-LTC3124 Datasheet
2Mb / 36P
26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
logo
Linear Technology
LTC3124 LINER-LTC3124_15 Datasheet
650Kb / 28P
15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
More results


Similar Description - LTC3124

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
Low Iq Synchronous Boost Converter with Output Disconnect
logo
ACE Technology Co., LTD...
ACE708C ACE-ACE708C Datasheet
946Kb / 8P
0.85V startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
VER 1.2
logo
Linear Technology
LTC3786EMSEPBF LINER-LTC3786EMSEPBF Datasheet
407Kb / 34P
Low IQ Synchronous Boost Controller
LTC3769 LINER-LTC3769_15 Datasheet
433Kb / 32P
60V Low IQ Synchronous Boost Controller
LTC3786 LINER-LTC3786_15 Datasheet
407Kb / 34P
Low IQ Synchronous Boost Controller
logo
SHANGHAI BELLING CO., L...
BL8536 BELLING-BL8536 Datasheet
781Kb / 6P
0.9V Startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
logo
Linear Technology
LTC3789EGN LINER-LTC3789EGN Datasheet
721Kb / 12P
300W 2-Phase Interleaved Synchronous Buck-Boost Converter
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
Low IQ, 60V Synchronous BoostBuck Controller
logo
Lowpower Semiconductor ...
LP6260 POWER-LP6260 Datasheet
276Kb / 6P
Ultra low IQ Synchronous Boost Convertor
LP6261 POWER-LP6261 Datasheet
549Kb / 7P
Ultra low IQ Synchronous Boost Convertor
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com