Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628A Datasheet (PDF) - SYC Electronica

PIC16F628A Datasheet PDF - SYC Electronica
Part # PIC16F628A
Download  PIC16F628A Download
File Size   3074.84 Kbytes
Page   178 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology

PIC16F628A Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F628A Datasheet PDF - SYC Electronica

Part # PIC16F628A
Download  PIC16F628A Click to download

File Size   3074.84 Kbytes
Page   178 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology

PIC16F628A Datasheet (HTML) - SYC Electronica


PIC16F628A Product details

Special Microcontroller Features:
• Internal and external oscillator options:
- Precision internal 4 MHz oscillator factory
calibrated to ±1%
- Low-power internal 48 kHz oscillator
- External Oscillator support for crystals and
resonators
• Power-saving Sleep mode
• Programmable weak pull-ups on PORTB
• Multiplexed Master Clear/Input-pin
• Watchdog Timer with independent oscillator for
reliable operation
• Low-voltage programming
• In-Circuit Serial Programming™ (via two pins)
• Programmable code protection
• Brown-out Reset
• Power-on Reset
• Power-up Timer and Oscillator Start-up Timer
• Wide operating voltage range (2.0-5.5V)
• Industrial and extended temperature range
• High-Endurance Flash/EEPROM cell:
- 100,000 write Flash endurance
- 1,000,000 write EEPROM endurance
- 40 year data retention

Low-Power Features:
• Standby Current:
- 100 nA @ 2.0V, typical
• Operating Current:
- 12μA @ 32 kHz, 2.0V, typical
- 120μA @ 1 MHz, 2.0V, typical
• Watchdog Timer Current:
- 1μA @ 2.0V, typical
• Timer1 Oscillator Current:
- 1.2μA @ 32 kHz, 2.0V, typical
• Dual-speed Internal Oscillator:
- Run-time selectable between 4 MHz and
48 kHz
- 4μs wake-up from Sleep, 3.0V, typical

Peripheral Features:
• 16 I/O pins with individual direction control
• High current sink/source for direct LED drive
• Analog comparator module with:
- Two analog comparators
- Programmable on-chip voltage reference
(VREF) module
- Selectable internal or external reference
- Comparator outputs are externally accessible
• Timer0: 8-bit timer/counter with 8-bit
programmable prescaler
• Timer1: 16-bit timer/counter with external crystal/
clock capability
• Timer2: 8-bit timer/counter with 8-bit period
register, prescaler and postscaler
• Capture, Compare, PWM module:
- 16-bit Capture/Compare
- 10-bit PWM
• Addressable Universal Synchronous/Asynchronous
Receiver/Transmitter USART/SCI




Similar Part No. - PIC16F628A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F628A MICROCHIP-PIC16F628A Datasheet
3Mb / 168P
FLASH-Based 8-Bit CMOS Microcontrollers
2002
PIC16F628A MICROCHIP-PIC16F628A Datasheet
2Mb / 178P
Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F628A MICROCHIP-PIC16F628A Datasheet
2Mb / 180P
Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2005
PIC16F628A MICROCHIP-PIC16F628A Datasheet
3Mb / 180P
Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2009
PIC16F628A MICROCHIP-PIC16F628A Datasheet
3Mb / 180P
Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
03/26/09
More results


Similar Description - PIC16F628A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F683 MICROCHIP-PIC12F683 Datasheet
2Mb / 148P
8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2004
PIC16F627A MICROCHIP-PIC16F627A_07 Datasheet
2Mb / 178P
Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F684 MICROCHIP-PIC16F684_07 Datasheet
3Mb / 192P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F688 MICROCHIP-PIC16F688_07 Datasheet
3Mb / 202P
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC12F683 MICROCHIP-PIC12F683_07 Datasheet
3Mb / 176P
8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F627A MICROCHIP-PIC16F627A_05 Datasheet
2Mb / 180P
Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2005
PIC16F627A MICROCHIP-PIC16F627A_09 Datasheet
3Mb / 180P
Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2009
PIC16F688-I MICROCHIP-PIC16F688-I Datasheet
3Mb / 204P
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
03/26/09
PIC16F636T-I MICROCHIP-PIC16F636T-I Datasheet
2Mb / 234P
8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
12/08/06
PIC16F628A-IP MICROCHIP-PIC16F628A-IP Datasheet
3Mb / 180P
Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
03/26/09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com