Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF1405LPBF Datasheet (PDF) - International Rectifier

IRF1405LPBF Datasheet PDF - International Rectifier
Part # IRF1405LPBF
Download  IRF1405LPBF Download
File Size   240.27 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 5.3m廓 , ID = 131A )

IRF1405LPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF1405LPBF Datasheet PDF - International Rectifier

Part # IRF1405LPBF
Download  IRF1405LPBF Click to download

File Size   240.27 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 5.3m廓 , ID = 131A )

IRF1405LPBF Datasheet (HTML) - International Rectifier


IRF1405LPBF Product details

Description
Stripe Planar design of HEXFET® Power MOSFETs utilizes the lastest processing techniques to achieve extremely low on-resistance per silicon area. Additional features of this HEXFET power MOSFET are a 175°C junction operating temperature, fast switching speed and improved repetitive avalanche rating. These benefits combine to make this design an extremely efficient and reliable device for use in a wide variety of applications.

Benefits
● Advanced Process Technology
● Ultra Low On-Resistance
● Dynamic dv/dt Rating
● 175°C Operating Temperature
● Fast Switching
● Repetitive Avalanche Allowed up to Tjmax

Typical Applications
● Industrial Motor Drive




Similar Part No. - IRF1405LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1405L IRF-IRF1405L Datasheet
154Kb / 11P
Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=131A??
logo
Kersemi Electronic Co.,...
IRF1405L KERSEMI-IRF1405L Datasheet
3Mb / 11P
AUTOMOTIVE MOSFET
More results


Similar Description - IRF1405LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1405S IRF-IRF1405S Datasheet
154Kb / 11P
Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=131A??
IRFZ46N IRF-IRFZ46N_04 Datasheet
190Kb / 9P
HEXFET짰 Power MOSFET(VDSS = 55V,RDS(on) = 16.5m廓,ID = 53A)
IRLZ44ZPBF IRF-IRLZ44ZPBF Datasheet
362Kb / 13P
AUTOMOTIVE MOSFET (VDSS = 55V , RDS(on) =13.5m廓 , ID = 51A)
IRLZ34NSPBF IRF-IRLZ34NSPBF Datasheet
297Kb / 11P
HEXFET Power MOSFET ( VDSS = 55V , RDS(on) = 0.035廓 , ID = 30A )
IRF1405ZPBF IRF-IRF1405ZPBF Datasheet
812Kb / 13P
AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 75A )
IRFR2905ZPBF IRF-IRFR2905ZPBF Datasheet
278Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 14.5m廓 , ID = 42A )
IRFR9024NPBF IRF-IRFR9024NPBF Datasheet
1Mb / 11P
HEXFET POWER MOSFET ( VDSS = -55V , RDS(on) = 0.175廓 , ID = -11A )
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
IRFZ44ZPBF IRF-IRFZ44ZPBF Datasheet
291Kb / 13P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
IRF1405ZS-7PPBF IRF-IRF1405ZS-7PPBF Datasheet
696Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 120A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com