Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2569 Datasheet (PDF) - Micrel Semiconductor

MIC2569 Datasheet PDF - Micrel Semiconductor
Part # MIC2569
Download  MIC2569 Download
File Size   720.36 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description CableCARD??Power Switch

MIC2569 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2569 Datasheet PDF - Micrel Semiconductor

Part # MIC2569
Download  MIC2569 Click to download

File Size   720.36 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description CableCARD??Power Switch

MIC2569 Datasheet (HTML) - Micrel Semiconductor


MIC2569 Product details

General Description
MIC2569 is designed to supply power to OpenCable™ systems and CableCARD™ hosts. These CableCARDs are also known as Point of Distribution (POD) cards.
MIC2569 supports both Single and Multiple stream cards through a simple to control parallel interface. All voltage switching is soft-start at turn-on, and break-before-make when changing between different voltage supplies.

Features
• 110 mΩ maximum VCC on resistance
• 400 mΩ maximum VPP on resistance
• 3.0V to 3.6V for the 3.3VIN operating range
• 3.0V to 5.5V for the 5VIN operating range
• 1.3A minimum VCC current limit
• 150mA minimum VPP current limit (150mA each)
• Compact 16-pin QSOP packaging
• Operating temperatures from –40°C to +85°C
• Low quiescent current
• Soft start turn-on
• Break-before-make voltage switching
• Short-circuit protection with thermal shutdown
• Input under voltage lock-out (UVLO)
• ESD protection
• No external components required

Applications
• Satellite / Cable / DVR / Television set top boxes
• Video recorders
• Game consoles




Similar Part No. - MIC2569

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC2569 MIC-MIC2569 Datasheet
721Kb / 15P
CableCARD??Power Switch
MIC2569YQS MIC-MIC2569YQS Datasheet
721Kb / 15P
CableCARD??Power Switch
MIC2569 MIC-MIC2569_11 Datasheet
721Kb / 15P
CableCARD??Power Switch
More results


Similar Description - MIC2569

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1707BFP STMICROELECTRONICS-TDE1707BFP Datasheet
50Kb / 6P
INTELLIGENT POWER SWITCH
Sep-2003
logo
Toshiba Semiconductor
SSM6J07FU TOSHIBA-SSM6J07FU_07 Datasheet
180Kb / 5P
Power Management Switch
SSM6L09FU TOSHIBA-SSM6L09FU_07 Datasheet
214Kb / 8P
Power Management Switch
logo
STMicroelectronics
ACST4 STMICROELECTRONICS-ACST4_07 Datasheet
150Kb / 13P
AC power switch
04-Jul-2007
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
Quad Power Distribution Switch Quad Power Distribution Switch
logo
MIC GROUP RECTIFIERS
MIC2569 MIC-MIC2569_11 Datasheet
721Kb / 15P
CableCARD??Power Switch
logo
Clare, Inc.
PM1204 CLARE-PM1204_10 Datasheet
120Kb / 6P
AC Power Switch
logo
Texas Instruments
UC37132N TI1-UC37132N Datasheet
121Kb / 13P
Smart Power Switch
logo
ON Semiconductor
KA5X02XX ONSEMI-KA5X02XX Datasheet
295Kb / 15P
Power Switch
October-2017, Rev. 2
logo
AiT Semiconductor Inc.
A4771A AITSEMI-A4771A Datasheet
1Mb / 12P
POWER SWITCH 52m POWER DISTRIBUTION SWITCH
REV1.0 - OCT 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com