Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-11114 Datasheet (PDF) - AG Electronica

DEV-11114 Datasheet PDF - AG Electronica
Part # DEV-11114
Download  DEV-11114 Download
File Size   145.62 Kbytes
Page   1 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description ARDUINO PRO MINI 328 - 3.3V / 8MHZ

DEV-11114 Datasheet (PDF)

Go To PDF Page Download Datasheet
DEV-11114 Datasheet PDF - AG Electronica

Part # DEV-11114
Download  DEV-11114 Click to download

File Size   145.62 Kbytes
Page   1 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description ARDUINO PRO MINI 328 - 3.3V / 8MHZ

DEV-11114 Datasheet (HTML) - AG Electronica


DEV-11114 Product details

Descripción:
Este es un Arduino de 3.3V que ejecuta el gestor de arranque de 8MHz. Es una gran tabla que te permitirá ponerte en marcha rápidamente. La serie Arduino Pro está destinada a usuarios que comprenden las limitaciones del voltaje del sistema (3.3 V), la falta de conectores y el USB fuera de placa.




Similar Part No. - DEV-11114

ManufacturerPart #DatasheetDescription
logo
AG Electronica
DEV-11008 AGELECTRONICA-DEV-11008 Datasheet
166Kb / 1P
LILYPAD VIBE BOARD
17/10/2017
logo
SparkFun Electronics
DEV-11018 SPARKFUN-DEV-11018 Datasheet
607Kb / 9P
Shield Landing Page
DEV-11235 SPARKFUN-DEV-11235 Datasheet
94Kb / 1P
Arduino and Breadboard Holder
5??6??7
DEV-11259 SPARKFUN-DEV-11259 Datasheet
98Kb / 1P
LilyPad Power Supply
10/13/2015
DEV-11260 SPARKFUN-DEV-11260 Datasheet
100Kb / 1P
LilyPad LiPower
10/13/2015
More results


Similar Description - DEV-11114

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
VIM-328 VARITRONIX-VIM-328 Datasheet
40Kb / 1P
VIM-328
logo
List of Unclassifed Man...
A000010 ETC2-A000010 Datasheet
675Kb / 1P
ARDUINO KIT WORKSHOP BASE WITH ARDUINO BOARD
ULCD-32-PTU-AR ETC2-ULCD-32-PTU-AR Datasheet
375Kb / 6P
Arduino Display Module Pack
logo
Rohm
BD1020HFV-EVK-001 ROHM-BD1020HFV-EVK-001 Datasheet
688Kb / 3P
Arduino Uno
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
Arduino Uno
BM1422AGMV-EVK-001 ROHM-BM1422AGMV-EVK-001 Datasheet
695Kb / 3P
Arduino Uno 1pcs
logo
SparkFun Electronics
DEV-09266 SPARKFUN-DEV-09266 Datasheet
109Kb / 1P
LilyPad Arduino 328 Main Board
10/13/2015
DEV-10941 SPARKFUN-DEV-10941 Datasheet
111Kb / 2P
LilyPad Arduino SimpleSnap
11/24/2015
logo
Arduino
ABX00062 ARDUINO-ABX00062 Datasheet
4Mb / 12P
Arduino® UNO Mini
24/11/2021
ABX00083 ARDUINO-ABX00083 Datasheet
2Mb / 20P
Arduino® Nano ESP32
08/06/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com