Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

934636561 Datasheet (PDF) - Belden Inc.

934636561 Datasheet PDF - Belden Inc.
Part # 934636561
Download  934636561 Download
File Size   481.59 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M23 Power Single-Ended Cordset: Male, angled, 12-pin, black body, 120 V AC/DC, 8 A; PUR black cable, 8x0.5 mm² 3x1.0 mm²

934636561 Datasheet (PDF)

Go To PDF Page Download Datasheet
934636561 Datasheet PDF - Belden Inc.

Part # 934636561
Download  934636561 Click to download

File Size   481.59 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M23 Power Single-Ended Cordset: Male, angled, 12-pin, black body, 120 V AC/DC, 8 A; PUR black cable, 8x0.5 mm² 3x1.0 mm²

934636561 Datasheet (HTML) - Belden Inc.


934636561 Product details

Product Description
M23 Power Single-Ended Cordset: Male, angled, 12-pin, black body, 120 V AC/DC, 8 A; PUR black cable, 8x0.5 mm² + 3x1.0 mm²




Similar Part No. - 934636561

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
934636535 BELDEN-934636535 Datasheet
472Kb / 3P
M23 Power Single-Ended Cordset: Female, angled, 19-pin, black body, 120 V AC/DC, 16x8 A 3x10 A; PUR black cable, 16x0.5 mm² 3x1.0 mm²
934636577 BELDEN-934636577 Datasheet
368Kb / 4P
CANopen / DeviceNet Data Double-Ended Cordset
02-03-2025
934636578 BELDEN-934636578 Datasheet
368Kb / 4P
CANopen / DeviceNet Data Double-Ended Cordset
02-03-2025
934636579 BELDEN-934636579 Datasheet
368Kb / 4P
CANopen / DeviceNet Data Double-Ended Cordset
02-03-2025
934636589 BELDEN-934636589 Datasheet
368Kb / 4P
CANopen / DeviceNet Data Double-Ended Cordset
02-03-2025
More results


Similar Description - 934636561

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XVR12J06 SCHNEIDER-XVR12J06 Datasheet
145Kb / 4P
Rotating beacon, 120 mm, blue, without buzzer, 12 V AC DC
May 24, 2021
XVR12J05S SCHNEIDER-XVR12J05S Datasheet
140Kb / 4P
Rotating beacon, 120 mm, orange, with buzzer 50??0 dB, 12 V AC DC
May 24, 2021
XVR12J04 SCHNEIDER-XVR12J04 Datasheet
154Kb / 4P
Rotating beacon, 120 mm, red, without buzzer, 12 V AC DC
May 24, 2021
XVR12J03 SCHNEIDER-XVR12J03 Datasheet
152Kb / 4P
Rotating beacon, 120 mm, green, without buzzer, 12 V AC DC
May 24, 2021
logo
WAGO Kontakttechnik Gmb...
769-672-003-000 WAGO-769-672-003-000 Datasheet
176Kb / 6P
THT male header; 1.0 x 1.0 mm solder pin; angled; clamping collar; Pin spacing 5 mm; 12-pole; gray
29.12.2021
769-672-004-000 WAGO-769-672-004-000 Datasheet
209Kb / 7P
THT male header; 1.0 x 1.0 mm solder pin; angled; Feedthrough flange; Pin spacing 5 mm; 12-pole; gray
29.12.2021
logo
Molex Electronics Ltd.
1200835015 MOLEX-1200835015 Datasheet
27Kb / 1P
Ultra-Lock (M12) Single-Ended Cordset, 12 Poles, Male (Straight) to Pigtail, 26 AWG, PUR Cable, 2.0m (6.56) Length, Black
09/23/2022
1200835140 MOLEX-1200835140 Datasheet
27Kb / 1P
Ultra-Lock (M12) Single-Ended Cordset, 8 Poles, Male (Straight) to Pigtail, 24 AWG, PUR Cable, 5.0m (16.40) Length, Black
11/17/2022
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com