Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC-C040 Datasheet (PDF) - Hittite Microwave Corporation

HMC-C040 Datasheet PDF - Hittite Microwave Corporation
Part # HMC-C040
Download  HMC-C040 Download
File Size   205.57 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description DIVIDE-BY-10 PRESCALER MODULE, 0.5 - 17.0 GHz

HMC-C040 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-C040 Datasheet PDF - Hittite Microwave Corporation

Part # HMC-C040
Download  HMC-C040 Click to download

File Size   205.57 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description DIVIDE-BY-10 PRESCALER MODULE, 0.5 - 17.0 GHz

HMC-C040 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC-C040

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C041 HITTITE-HMC-C041 Datasheet
293Kb / 6P
GaAs MMIC I/Q MIXER MODULE 6 - 10 GHz
HMC-C042 HITTITE-HMC-C042 Datasheet
285Kb / 6P
GaAs MMIC I/Q MIXER MODULE 8.5 - 13.5 GHz
HMC-C043 HITTITE-HMC-C043 Datasheet
287Kb / 6P
GaAs MMIC I/Q MIXER MODULE 11 - 16 GHz
HMC-C044 HITTITE-HMC-C044 Datasheet
321Kb / 6P
GaAs MMIC I/Q MIXER MODULE 15 - 23 GHz
HMC-C045 HITTITE-HMC-C045 Datasheet
293Kb / 6P
LOW NOISE AMPLIFIER MODULE, 1.8 - 4.2 GHz
More results


Similar Description - HMC-C040

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAB6456 PHILIPS-SAB6456 Datasheet
77Kb / 10P
Sensitive 1 GHz divide-by-64/divide-by-256 switchable prescaler
June 1986
logo
United Monolithic Semic...
CND2050 UMS-CND2050 Datasheet
83Kb / 9P
0.5-11.5 GHz Divide by 4 Static Prescaler
logo
Hittite Microwave Corpo...
HMC-C005 HITTITE-HMC-C005 Datasheet
503Kb / 4P
DIVIDE-BY-2 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C006 HITTITE-HMC-C006 Datasheet
505Kb / 4P
DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C007 HITTITE-HMC-C007 Datasheet
512Kb / 4P
DIVIDE-BY-8 PRESCALER MODULE, 0.5 - 18 GHz
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
3.0 GHz DIVIDE BY 2 PRESCALER
logo
Hittite Microwave Corpo...
HMC-C039 HITTITE-HMC-C039 Datasheet
260Kb / 4P
DIVIDE-BY-5 PRESCALER MODULE, 0.5 - 8.0 GHz
logo
California Eastern Labs
UPB1510GV CEL-UPB1510GV Datasheet
213Kb / 7P
3.0 GHz DIVIDE BY 4 PRESCALER
logo
Hittite Microwave Corpo...
HMC-C039 HITTITE-HMC-C039_07 Datasheet
216Kb / 4P
DIVIDE-BY-5 PRESCALER MODULE, 0.5 - 8.0 GHz
HMC-C006 HITTITE-HMC-C006_07 Datasheet
219Kb / 4P
DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com