Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1047464 Datasheet (PDF) - PHOENIX CONTACT

1047464 Datasheet PDF - PHOENIX CONTACT
Part # 1047464
Download  1047464 Download
File Size   253.22 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTFIX 4/18X1,5-NS35 PK - Distribution block

1047464 Datasheet (PDF)

Go To PDF Page Download Datasheet
1047464 Datasheet PDF - PHOENIX CONTACT

Part # 1047464
Download  1047464 Click to download

File Size   253.22 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTFIX 4/18X1,5-NS35 PK - Distribution block

1047464 Datasheet (HTML) - PHOENIX CONTACT


1047464 Product details

Distribution block, nom. voltage: 500 V, nominal current: 17.5 A, number of connections: 19,
connection method: Push-in connection, Load contact, cross section: 0.14 mm2 - 2.5 mm2, Line
contact, Rated cross section: 4 mm2, cross section: 0.2 mm2 - 6 mm2, mounting type: NS 35/7,5,
NS 35/15, color: pink

Your advantages
• Convenient test options, thanks to test openings at every terminal point
• Space-saving potential distribution, thanks to compact micro potential distributors
• Flexible use, thanks to DIN rail and direct mounting
• Space-saving, thanks to the compact design
• Clear arrangement thanks to marking of all terminal points




Similar Part No. - 1047464

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1047460 PHOENIX-1047460 Datasheet
438Kb / 20P
Distribution block - PTFIX 4/18X1,5-NS35 BK
Jun 23, 2022
1047461 PHOENIX-1047461 Datasheet
439Kb / 20P
Distribution block - PTFIX 4/18X1,5-NS35 WH
Jun 23, 2022
1047462 PHOENIX-1047462 Datasheet
437Kb / 19P
Distribution block - PTFIX 4/18X1,5-NS35 VT
Jul 21, 2022
1047463 PHOENIX-1047463 Datasheet
438Kb / 19P
Distribution block - PTFIX 4/18X1,5-NS35 OG
Jul 21, 2022
1047465 PHOENIX-1047465 Datasheet
448Kb / 20P
Distribution block - PTFIX 4/18X1,5-NS35-FE
Jul 6, 2022
More results


Similar Description - 1047464

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1047459 PHOENIX-1047459 Datasheet
130Kb / 9P
Distribution block - PTFIX 4/18X1,5-NS35 YE
09/12/2020
1047456 PHOENIX-1047456 Datasheet
440Kb / 20P
Distribution block - PTFIX 4/18X1,5-NS35 RD
Jun 7, 2022
1047455 PHOENIX-1047455 Datasheet
441Kb / 20P
Distribution block - PTFIX 4/18X1,5-NS35 BU
Jun 15, 2022
1047457 PHOENIX-1047457 Datasheet
439Kb / 20P
Distribution block - PTFIX 4/18X1,5-NS35 BN
Jun 23, 2022
1047458 PHOENIX-1047458 Datasheet
439Kb / 20P
Distribution block - PTFIX 4/18X1,5-NS35 GN
Jun 24, 2022
1047460 PHOENIX-1047460 Datasheet
438Kb / 20P
Distribution block - PTFIX 4/18X1,5-NS35 BK
Jun 23, 2022
1047461 PHOENIX-1047461 Datasheet
439Kb / 20P
Distribution block - PTFIX 4/18X1,5-NS35 WH
Jun 23, 2022
1047465 PHOENIX-1047465 Datasheet
448Kb / 20P
Distribution block - PTFIX 4/18X1,5-NS35-FE
Jul 6, 2022
3002790 PHOENIX-3002790 Datasheet
500Kb / 21P
Distribution block - PTFIX 18X1,5 PK
Jul 6, 2022
1047428 PHOENIX-1047428 Datasheet
501Kb / 21P
Distribution block - PTFIX 4/18X1,5 PK
Nov 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com