Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPS Datasheet (PDF) - Ashcroft, Inc.

HPS Datasheet PDF - Ashcroft, Inc.
Part # HPS
Download  HPS Download
File Size   771.76 Kbytes
Page   4 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description HPS High Purity Pressure Gauge with Reed Switch 50 mm Dial Size

HPS Datasheet (PDF)

Go To PDF Page Download Datasheet
HPS Datasheet PDF - Ashcroft, Inc.

Part # HPS
Download  HPS Click to download

File Size   771.76 Kbytes
Page   4 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description HPS High Purity Pressure Gauge with Reed Switch 50 mm Dial Size

HPS Datasheet (HTML) - Ashcroft, Inc.


HPS Product details

FEATURES
316L Stainless steel wetted parts
Helium leak tested to 1 x 10-8 scc/s
Cleaned in class 10,000 clean room
Polyethylene-sealed after nitrogen gas flushing
Packed in a Polyethylene-sealed bag after nitrogen gas flushing




Similar Part No. - HPS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HPS VISHAY-HPS Datasheet
72Kb / 3P
High Ohmic Value (up to 1.5 G ohm), High Power Resistors (up to 10 W at 25 °C) Thick Film
01-Aug-13
logo
Cooper Bussmann, Inc.
HPS COOPER-HPS Datasheet
95Kb / 1P
Panel-Mount Fuseholder with Bayonet-type Knob
logo
Hammond Manufacturing L...
HPS HAMMOND-HPS Datasheet
689Kb / 8P
Encapsulated Transformers for Commercial Applications
August 2019
logo
Heyco.
HPS HEYCO-HPS Datasheet
115Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
ams AG
HPS-100 AMSCO-HPS-100 Datasheet
545Kb / 24P
Automotive Hydrogen Sensor
More results


Similar Description - HPS

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35 COPAL-PG-35 Datasheet
2Mb / 7P
SMALL SIZE PRESSURE GAUGE
PG-35H COPAL-PG-35H Datasheet
2Mb / 10P
SMALL SIZE PRESSURE GAUGE
PS30 COPAL-PS30_16 Datasheet
744Kb / 4P
PRESSURE SWITCHES WITH GAUGE
PS6 COPAL-PS6_16 Datasheet
100Kb / 4P
PRESSURE SWITCHES WITH GAUGE
PS60 COPAL-PS60_16 Datasheet
96Kb / 4P
PRESSURE SWITCHES WITH GAUGE
logo
Festo Corporation.
9791 FESTO-9791 Datasheet
87Kb / 1P
Pressure gauge
548010 FESTO-548010 Datasheet
104Kb / 2P
Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
Pressure gauge
8/10/22
logo
Greystone Energy System...
GLPSG GREYSTONE-GLPSG Datasheet
95Kb / 1P
GAUGE PRESSURE SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com