Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

451209PL02L-XLL Datasheet (PDF) - Ashcroft, Inc.

451209PL02L-XLL Datasheet PDF - Ashcroft, Inc.
Part # 451209PL02L-XLL
Download  451209PL02L-XLL Download
File Size   974.32 Kbytes
Page   3 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description 1209 4½˝ Stainless Steel Case Process Gauge

451209PL02L-XLL Datasheet (PDF)

Go To PDF Page Download Datasheet
451209PL02L-XLL Datasheet PDF - Ashcroft, Inc.

Part # 451209PL02L-XLL
Download  451209PL02L-XLL Click to download

File Size   974.32 Kbytes
Page   3 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description 1209 4½˝ Stainless Steel Case Process Gauge

451209PL02L-XLL Datasheet (HTML) - Ashcroft, Inc.


451209PL02L-XLL Product details

FEATURES
Solid front case design with full pressure relief back
4½˝ Dial size
Accuracy: ±0.50% of span (ASME B40.100 Grade 2A)
316L Stainless steel case and ring
Patented PLUS!™ Performance, dampens vibration, shock and pulsation effects




Similar Part No. - 451209PL02L-XLL

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
45120 ALPHAWIRE-45120 Datasheet
395Kb / 4P
24 (7/32) AWG Tinned Copper
logo
3M Electronics
45120-010030 3M-45120-010030 Datasheet
477Kb / 2P
Ribbon cable wmt socket 05X05 pitch 451 series
REV. J
logo
Alpha Wire
45120/15 ALPHAWIRE-45120/15 Datasheet
98Kb / 4P
Customer Specification
12/5/2022
45120/20 ALPHAWIRE-45120/20 Datasheet
99Kb / 4P
Customer SpecificationS
12/13/2022
45120/25 ALPHAWIRE-45120/25 Datasheet
94Kb / 5P
Customer Specification
1/4/2023
More results


Similar Description - 451209PL02L-XLL

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD_19 Datasheet
258Kb / 1P
Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
Stainless Steel
QTHA-3FS0 RALSTON-QTHA-3FS0_19 Datasheet
475Kb / 1P
Stainless Steel
logo
TT Electronics.
FMEX TTELEC-FMEX Datasheet
337Kb / 2P
Stainless Steel Pressure Gauge (50mm, 63mm, 100mm, 150mm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com