Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY255 Datasheet (PDF) - Diotec Semiconductor

BY255 Datasheet PDF - Diotec Semiconductor
Part # BY255
Download  BY255 Download
File Size   63.05 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Si-Rectifiers - Si-Gleichrichter

BY255 Datasheet (PDF)

Go To PDF Page Download Datasheet
BY255 Datasheet PDF - Diotec Semiconductor

Part # BY255
Download  BY255 Click to download

File Size   63.05 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Si-Rectifiers - Si-Gleichrichter

BY255 Datasheet (HTML) - Diotec Semiconductor


BY255 Product details

Si-Rectifiers

• Nominal Current                                        3 A
• Repetitive peak reverse voltage 200...2000 V
• Plastic case                                     ~ DO-201
• Weight approx.                                       0.8 g
• Plastic material has UL classification 94V-0
• Standard packaging taped in ammo pack




Similar Part No. - BY255

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY255 PANJIT-BY255 Datasheet
67Kb / 2P
MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
BY255 TRSYS-BY255 Datasheet
128Kb / 2P
MEDIUM CURRENT PLASTIC RECTIFIER
logo
Jinan Gude Electronic D...
BY255 JGD-BY255 Datasheet
144Kb / 2P
3.0 AMP.SILICON RECTIFIERS
logo
Semtech Corporation
BY255 SEMTECH-BY255 Datasheet
99Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
Bytes
BY255 BYTES-BY255 Datasheet
150Kb / 2P
3.0 AMP SILICON RECTIFIERS
More results


Similar Description - BY255

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BYW27-50 DIOTEC-BYW27-50_07 Datasheet
100Kb / 2P
Si-Rectifiers - Si-Gleichrichter
1N5400 DIOTEC-1N5400_07 Datasheet
61Kb / 2P
Si-Rectifiers - Si-Gleichrichter
1N5400K DIOTEC-1N5400K_07 Datasheet
100Kb / 2P
Si-Rectifiers - Si-Gleichrichter
BY550-50 DIOTEC-BY550-50_07 Datasheet
62Kb / 2P
Si-Rectifiers -Si-Gleichrichter
BY500-50 DIOTEC-BY500-50_07 Datasheet
58Kb / 2P
Fast Si-Rectifiers -Schnelle Si-Gleichrichter
BY396 DIOTEC-BY396_07 Datasheet
58Kb / 2P
Fast Si-Rectifiers - Schnelle Si-Gleichrichter
BY296 DIOTEC-BY296_07 Datasheet
57Kb / 2P
Fast Si-Rectifiers - Schnelle Si-Gleichrichter
BY133 DIOTEC-BY133_07 Datasheet
100Kb / 2P
Si-Rectifiers - Si-Gleichrichter
P600A DIOTEC-P600A_07 Datasheet
63Kb / 2P
Si-Rectifiers - Si-Gleichrichter
UF600A DIOTEC-UF600A_07 Datasheet
62Kb / 2P
Ultrafast Switching Si-Rectifiers - Ultraschnelle Si-Gleichrichter
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com