Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF664 Datasheet (PDF) - Power Semiconductors

ARF664 Datasheet PDF - Power Semiconductors
Part # ARF664
Download  ARF664 Download
File Size   105.37 Kbytes
Page   2 Pages
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors
Description FAST RECOVERY DIODE

ARF664 Datasheet (PDF)

Go To PDF Page Download Datasheet
ARF664 Datasheet PDF - Power Semiconductors

Part # ARF664
Download  ARF664 Click to download

File Size   105.37 Kbytes
Page   2 Pages
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors
Description FAST RECOVERY DIODE

ARF664 Datasheet (HTML) - Power Semiconductors


ARF664 Product details

FAST RECOVERY DIODE

FOR IGBT,IEGT,GCT APPLICATIONS
SNUBBERLESS OPERATION
LOW LOSSES SOFT RECOVERY

Repetitive voltage up to 3300 V
Mean forward current 1000 A
Surge current 18 kA




Similar Part No. - ARF664

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
ARF600 OHMITE-ARF600 Datasheet
250Kb / 2P
High power density
ARF600 OHMITE-ARF600 Datasheet
250Kb / 2P
High power density
logo
Power Semiconductors
ARF612 POSEICO-ARF612 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF612S15 POSEICO-ARF612S15 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF648 POSEICO-ARF648 Datasheet
80Kb / 4P
FAST RECOVERY DIODE
More results


Similar Description - ARF664

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com