Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1200A Datasheet (PDF) - Diotec Semiconductor

F1200A Datasheet PDF - Diotec Semiconductor
Part # F1200A
Download  F1200A Download
File Size   93.1 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Superfast Silicon-Rectifiers

F1200A Datasheet (PDF)

Go To PDF Page Download Datasheet
F1200A Datasheet PDF - Diotec Semiconductor

Part # F1200A
Download  F1200A Click to download

File Size   93.1 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Superfast Silicon-Rectifiers

F1200A Datasheet (HTML) - Diotec Semiconductor


F1200A Product details

• Nominal Current                          12 A
• Repetitive peak reverse voltage    50...400 V
• Plastic case                                Ø 8 x 7.5 [mm] P600 Style
• Weight approx.                           1.3 g
• Plastic material has UL classification 94V-0
• Standard packaging taped in ammo pack




Similar Part No. - F1200A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
F1200A DIOTEC-F1200A Datasheet
84Kb / 2P
Fast Silicon Rectifiers
logo
EIC discrete Semiconduc...
F1200A EIC-F1200A Datasheet
110Kb / 2P
FAST RECOVERY
logo
Semikron International
F1200A SEMIKRON-F1200A Datasheet
345Kb / 2P
High efficiency fast silicion rectifier diode
logo
Diotec Semiconductor
F1200A DIOTEC-F1200A Datasheet
97Kb / 2P
Superfast Silicon Rectifier Diodes
F1200A DIOTEC-F1200A Datasheet
97Kb / 2P
Superfast Silicon Rectifier Diodes
More results


Similar Description - F1200A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
FE1A DIOTEC-FE1A Datasheet
154Kb / 2P
Superfast Silicon Rectifiers
FE2A DIOTEC-FE2A Datasheet
154Kb / 2P
Superfast Silicon Rectifiers
FE1A DIOTEC-FE1A_07 Datasheet
58Kb / 2P
Superfast Switching Silicon-Rectifiers
FE2A DIOTEC-FE2A_07 Datasheet
58Kb / 2P
Superfast Switching Silicon-Rectifiers
FE3A DIOTEC-FE3A_07 Datasheet
58Kb / 2P
Superfast Switching Silicon-Rectifiers
FE6A DIOTEC-FE6A_07 Datasheet
58Kb / 2P
Superfast Switching Silicon-Rectifiers
logo
Semtech Corporation
SBR05FF SEMTECH-SBR05FF Datasheet
54Kb / 2P
SUPERFAST RECOVERY 1 PHASE SILICON BRIDGE RECTIFIERS
logo
Diotec Semiconductor
FR20AYD2 DIOTEC-FR20AYD2 Datasheet
135Kb / 2P
Superfast Silicon Rectifiers ??Two Anode Pins
FT2000AA DIOTEC-FT2000AA_10 Datasheet
123Kb / 2P
Superfast Silicon Rectifiers - Single Diode / Two Polarities
FT2000AA DIOTEC-FT2000AA_13 Datasheet
124Kb / 2P
Superfast Silicon Rectifiers - Single Diode / Two Polarities
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com