Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9945 Datasheet (PDF) - Analog Devices

AD9945 Datasheet PDF - Analog Devices
Part # AD9945
Download  AD9945 Download
File Size   222.19 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit 40 MHz CCD Signal Processor

AD9945 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9945 Datasheet PDF - Analog Devices

Part # AD9945
Download  AD9945 Click to download

File Size   222.19 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit 40 MHz CCD Signal Processor

AD9945 Datasheet (HTML) - Analog Devices


AD9945 Product details

GENERAL DESCRIPTION
The AD9945 is a complete analog signal processor for CCD applications. It features a 40 MHz single-channel architecture designed to sample and condition the outputs of interlaced and progressive scan area CCD arrays. The AD9945’s signal chain consists of a correlated double sampler (CDS), a digitally controlled variable gain amplifier (VGA), a black level clamp, and a 12-bit A/D converter.

FEATURES
   40 MSPS Correlated Double Sampler (CDS)
   6 dB to 40 dB 10-Bit Variable Gain Amplifier (VGA)
   Low Noise Optical Black Clamp Circuit
   Preblanking Function
   12-Bit 40 MSPS A/D Converter
   No Missing Codes Guaranteed
   3-Wire Serial Digital Interface
   3 V Single-Supply Operation
   Low Power: 140 mW @ 3 V Supply
   Space-Saving 32-Lead 5 mm x 5 mm LFCSP

APPLICATIONS
   Digital Still Cameras
   Digital Video Camcorders
   PC Cameras
   Portable CCD Imaging Devices
   CCTV Cameras




Similar Part No. - AD9945

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9945 AD-AD9945 Datasheet
639Kb / 14P
CCD Signal Processor
AD9945KCPZ AD-AD9945KCPZ Datasheet
639Kb / 14P
CCD Signal Processor
AD9945KCPZRL7 AD-AD9945KCPZRL7 Datasheet
639Kb / 14P
CCD Signal Processor
AD9945 AD-AD9945_13 Datasheet
639Kb / 14P
CCD Signal Processor
More results


Similar Description - AD9945

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9840A AD-AD9840A Datasheet
162Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV.0
AD9844A AD-AD9844A Datasheet
169Kb / 16P
Complete 12-Bit 20 MSPS CCD Signal Processor
REV.0
AD9845B AD-AD9845B Datasheet
441Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV.A
ADDI7100 AD-ADDI7100 Datasheet
364Kb / 20P
Complete, 12-Bit, 45 MHz CCD Signal Processor
REV. C
AD9840AJSTZRL AD-AD9840AJSTZRL Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9840A AD-AD9840A_15 Datasheet
155Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9845B AD-AD9845B_15 Datasheet
264Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com