Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3904 Datasheet (PDF) - Diotec Semiconductor

MMBT3904 Datasheet PDF - Diotec Semiconductor
Part # MMBT3904
Download  MMBT3904 Download
File Size   99.93 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Si-Epi-Planar Switching Transistors

MMBT3904 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBT3904 Datasheet PDF - Diotec Semiconductor

Part # MMBT3904
Download  MMBT3904 Click to download

File Size   99.93 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Si-Epi-Planar Switching Transistors

MMBT3904 Datasheet (HTML) - Diotec Semiconductor


MMBT3904 Product details

Surface Mount Si-Epi-Planar Switching Transistors

• Power dissipation                       250 mW
• Plastic case                                SOT-23
• Weight approx.                             0.01 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled




Similar Part No. - MMBT3904

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT3904 ONSEMI-MMBT3904 Datasheet
296Kb / 12P
GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
logo
NXP Semiconductors
MMBT3904 PHILIPS-MMBT3904 Datasheet
48Kb / 8P
NPN switching transistor
2000 Apr 11
logo
STMicroelectronics
MMBT3904 STMICROELECTRONICS-MMBT3904 Datasheet
58Kb / 4P
SMALL SIGNAL NPN TRANSISTOR
Jun-2002
logo
Transys Electronics
MMBT3904 TRSYS-MMBT3904 Datasheet
200Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBT3904 ZOWIE-MMBT3904 Datasheet
121Kb / 6P
GENERAL PURPOSE TRANSISTOR NPN SILICON
More results


Similar Description - MMBT3904

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBT2222 DIOTEC-MMBT2222_07 Datasheet
100Kb / 2P
Surface Mount Si-Epi-Planar Switching Transistors
MMBT2369 DIOTEC-MMBT2369 Datasheet
98Kb / 2P
Surface Mount Si-Epi-Planar Switching Transistors
MMBT2907 DIOTEC-MMBT2907_07 Datasheet
99Kb / 2P
Surface Mount Si-Epi-Planar Switching Transistors
MMBT3906 DIOTEC-MMBT3906 Datasheet
100Kb / 2P
Surface Mount Si-Epi-Planar Switching Transistors
PN2222 DIOTEC-PN2222 Datasheet
97Kb / 2P
Si-Epi-Planar Switching Transistors Si-Epi-Planar Schalttransistoren
MMBT3904 DIOTEC-MMBT3904_10 Datasheet
99Kb / 2P
Surface Mount Si-Epi-Planar Switching Transistors
MMBT3906 DIOTEC-MMBT3906_09 Datasheet
104Kb / 2P
Surface Mount Si-Epi-Planar Switching Transistors
MMBT2907 DIOTEC-MMBT2907_15 Datasheet
100Kb / 2P
Surface Mount Si-Epi-Planar Switching Transistors
MMBT3904 DIOTEC-MMBT3904_15 Datasheet
101Kb / 2P
Surface Mount Si-Epi-Planar Switching Transistors
MMBT2222A DIOTEC-MMBT2222A Datasheet
100Kb / 2P
Surface Mount Si-Epi-Planar Switching Transistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com