Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA42 Datasheet (PDF) - Diotec Semiconductor

MMBTA42 Datasheet PDF - Diotec Semiconductor
Part # MMBTA42
Download  MMBTA42 Download
File Size   108.1 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount High Voltage Transistors

MMBTA42 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBTA42 Datasheet PDF - Diotec Semiconductor

Part # MMBTA42
Download  MMBTA42 Click to download

File Size   108.1 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount High Voltage Transistors

MMBTA42 Datasheet (HTML) - Diotec Semiconductor


MMBTA42 Product details

Surface mount High Voltage Transistors

• Power dissipation                            250 mW
• Plastic case                                      SOT-23
• Weight approx.                                   0.01 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled




Similar Part No. - MMBTA42

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBTA42 PHILIPS-MMBTA42 Datasheet
43Kb / 8P
NPN high-voltage transistor
2000 Apr 11
logo
STMicroelectronics
MMBTA42 STMICROELECTRONICS-MMBTA42 Datasheet
56Kb / 4P
SMALL SIGNAL NPN TRANSISTOR
Jan-2003
logo
Transys Electronics
MMBTA42 TRSYS-MMBTA42 Datasheet
137Kb / 1P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBTA42 ZOWIE-MMBTA42 Datasheet
57Kb / 3P
HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Fairchild Semiconductor
MMBTA42 FAIRCHILD-MMBTA42 Datasheet
657Kb / 14P
NPN High Voltage Amplifier
More results


Similar Description - MMBTA42

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBTA92 DIOTEC-MMBTA92 Datasheet
108Kb / 2P
Surface mount High Voltage Transistors
MMBTA44 DIOTEC-MMBTA44 Datasheet
112Kb / 2P
Surface mount High Voltage Transistors
MMBTA94 DIOTEC-MMBTA94 Datasheet
105Kb / 2P
Surface mount High Voltage Transistors
logo
Central Semiconductor C...
CMPTA42 CENTRAL-CMPTA42_10 Datasheet
327Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMPT6517 CENTRAL-CMPT6517_15 Datasheet
329Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMPTA42E CENTRAL-CMPTA42E_15 Datasheet
333Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
logo
Diotec Semiconductor
MMBTA42 DIOTEC-MMBTA42_15 Datasheet
107Kb / 2P
Surface mount High Voltage Transistors
MMBTA44 DIOTEC-MMBTA44_15 Datasheet
106Kb / 2P
Surface mount High Voltage Transistors
MMBTA92 DIOTEC-MMBTA92_15 Datasheet
107Kb / 2P
Surface mount High Voltage Transistors
MMBTA94 DIOTEC-MMBTA94_15 Datasheet
107Kb / 2P
Surface mount High Voltage Transistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com