Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA43 Datasheet (PDF) - Diotec Semiconductor

MMBTA43 Datasheet PDF - Diotec Semiconductor
Part # MMBTA43
Download  MMBTA43 Download
File Size   108.1 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount High Voltage Transistors

MMBTA43 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBTA43 Datasheet PDF - Diotec Semiconductor

Part # MMBTA43
Download  MMBTA43 Click to download

File Size   108.1 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount High Voltage Transistors

MMBTA43 Datasheet (HTML) - Diotec Semiconductor


MMBTA43 Product details

Surface mount High Voltage Transistors

• Power dissipation                            250 mW
• Plastic case                                      SOT-23
• Weight approx.                                   0.01 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled




Similar Part No. - MMBTA43

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MMBTA43 ZOWIE-MMBTA43 Datasheet
57Kb / 3P
HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Samsung semiconductor
MMBTA43 SAMSUNG-MMBTA43 Datasheet
65Kb / 2P
NPN (HIGH VOLTAGE TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA43 FAIRCHILD-MMBTA43 Datasheet
27Kb / 3P
NPN High Voltage Amplifier
logo
KEC(Korea Electronics)
MMBTA43 KEC-MMBTA43 Datasheet
290Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE, TELEPHONE)
logo
Comchip Technology
MMBTA43 COMCHIP-MMBTA43 Datasheet
79Kb / 3P
High Voltage Transistors
More results


Similar Description - MMBTA43

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBTA92 DIOTEC-MMBTA92 Datasheet
108Kb / 2P
Surface mount High Voltage Transistors
MMBTA44 DIOTEC-MMBTA44 Datasheet
112Kb / 2P
Surface mount High Voltage Transistors
MMBTA94 DIOTEC-MMBTA94 Datasheet
105Kb / 2P
Surface mount High Voltage Transistors
logo
Central Semiconductor C...
CMPTA42 CENTRAL-CMPTA42_10 Datasheet
327Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMPT6517 CENTRAL-CMPT6517_15 Datasheet
329Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMPTA42E CENTRAL-CMPTA42E_15 Datasheet
333Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
logo
Diotec Semiconductor
MMBTA42 DIOTEC-MMBTA42_15 Datasheet
107Kb / 2P
Surface mount High Voltage Transistors
MMBTA44 DIOTEC-MMBTA44_15 Datasheet
106Kb / 2P
Surface mount High Voltage Transistors
MMBTA92 DIOTEC-MMBTA92_15 Datasheet
107Kb / 2P
Surface mount High Voltage Transistors
MMBTA94 DIOTEC-MMBTA94_15 Datasheet
107Kb / 2P
Surface mount High Voltage Transistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com