Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWZ-86398317-10-4B Datasheet (PDF) - Eravant

SWZ-86398317-10-4B Datasheet PDF - Eravant
Part # SWZ-86398317-10-4B
Download  SWZ-86398317-10-4B Download
File Size   471.67 Kbytes
Page   3 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description 86 to 98 GHz Short Slot 90 Degree Hybrid Coupler, WR-10

SWZ-86398317-10-4B Datasheet (PDF)

Go To PDF Page Download Datasheet
SWZ-86398317-10-4B Datasheet PDF - Eravant

Part # SWZ-86398317-10-4B
Download  SWZ-86398317-10-4B Click to download

File Size   471.67 Kbytes
Page   3 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description 86 to 98 GHz Short Slot 90 Degree Hybrid Coupler, WR-10

SWZ-86398317-10-4B Datasheet (HTML) - Eravant


SWZ-86398317-10-4B Product details

FEATURES
±6 GHz Bandwidth
Low Insertion Loss
Low Amplitude and Phase Imbalance
APPLICATIONS
Testing & Measurement
Instrumentation
Sub-assemblies




Similar Part No. - SWZ-86398317-10-4B

ManufacturerPart #DatasheetDescription
logo
Eravant
SWZ-11412417-08-4B ERAVANT-SWZ-11412417-08-4B Datasheet
499Kb / 3P
110 to 120 GHz Short Slot 90 Degree Hybrid Coupler, WR-08
Rev 1.0
SWZ-45355317-19-3B ERAVANT-SWZ-45355317-19-3B Datasheet
722Kb / 3P
Short Slot 90 Degree Hybrid Coupler, U-band
Rev. 1.0
More results


Similar Description - SWZ-86398317-10-4B

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2CP1022 PASTERNACK-PE2CP1022 Datasheet
571Kb / 6P
90 Degree SMA Hybrid Coupler From 7 GHz to 18 GHz Rated to 30 Watts
PE2CP1050 PASTERNACK-PE2CP1050 Datasheet
537Kb / 6P
90 Degree Drop-In Hybrid Coupler From1 GHz to 2 GHz Rated to 400 Watts
PE2CP1051 PASTERNACK-PE2CP1051 Datasheet
527Kb / 6P
90 Degree Drop-In Hybrid Coupler From 1 GHz to 2 GHz Rated to 1000 Watts
PE2CP1054 PASTERNACK-PE2CP1054 Datasheet
535Kb / 6P
90 Degree Drop-In Hybrid Coupler From 1 GHz to 4.2 GHz Rated to 80 Watts
logo
Yantel Corporation
HC1150U03-190 YANTEL-HC1150U03-190 Datasheet
1Mb / 5P
90 Degree Hybrid 1.12 GHz-1.26 GHz
HC1850U03-030 YANTEL-HC1850U03-030 Datasheet
756Kb / 4P
90 Degree Hybrid 1.75 GHz-1.95 GHz
HC2150U03-040 YANTEL-HC2150U03-040 Datasheet
735Kb / 4P
90 Degree Hybrid 2.05 GHz-2.25 GHz
HC2500U03-050 YANTEL-HC2500U03-050 Datasheet
746Kb / 4P
90 Degree Hybrid 2.30 GHz-2.65 GHz
HC2500U03-055 YANTEL-HC2500U03-055 Datasheet
401Kb / 5P
90 Degree Hybrid 2.30 GHz-2.65 GHz
HC3550U03-060 YANTEL-HC3550U03-060 Datasheet
765Kb / 4P
90 Degree Hybrid 3.30 GHz-3.80 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com