Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN2907 Datasheet (PDF) - Diotec Semiconductor

PN2907 Datasheet PDF - Diotec Semiconductor
Part # PN2907
Download  PN2907 Download
File Size   96.52 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Si-Epitaxial Planar Switching Transistors

PN2907 Datasheet (PDF)

Go To PDF Page Download Datasheet
PN2907 Datasheet PDF - Diotec Semiconductor

Part # PN2907
Download  PN2907 Click to download

File Size   96.52 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Si-Epitaxial Planar Switching Transistors

PN2907 Datasheet (HTML) - Diotec Semiconductor


PN2907 Product details

Si-Epitaxial Planar Switching Transistors

• Power dissipation                   625 mW
• Plastic case                    TO-92(10D3)
• Weight approx.                          0.18 g
• Plastic material has UL classification 94V-0
• Standard packaging taped in ammo pack




Similar Part No. - PN2907

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN2907 PHILIPS-PN2907 Datasheet
71Kb / 8P
PNP switching transistor
1997 May 05
logo
Fairchild Semiconductor
PN2907 FAIRCHILD-PN2907 Datasheet
42Kb / 2P
PNP General Purpose Amplifier
PN2907 FAIRCHILD-PN2907 Datasheet
58Kb / 6P
PNP General Purpose Amplifier
logo
Micro Electronics
PN2907 MICRO-ELECTRONICS-PN2907 Datasheet
231Kb / 4P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Fairchild Semiconductor
PN2907 FAIRCHILD-PN2907 Datasheet
55Kb / 3P
PNP General Purpose Amplifier
More results


Similar Description - PN2907

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
2N5400 DIOTEC-2N5400 Datasheet
106Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
BCX38B DIOTEC-BCX38B Datasheet
108Kb / 2P
Si-Epitaxial Planar Darlington-Transistors
MPSA42 DIOTEC-MPSA42 Datasheet
108Kb / 2P
High voltage Si-epitaxial planar transistors
PN2222 DIOTEC-PN2222 Datasheet
97Kb / 2P
Si-Epi-Planar Switching Transistors Si-Epi-Planar Schalttransistoren
PZT2222 DIOTEC-PZT2222 Datasheet
109Kb / 2P
Suface Mount Si-Epitaxial Planar Switching Transistors
PZT2907 DIOTEC-PZT2907 Datasheet
109Kb / 2P
Suface Mount Si-Epitaxial Planar Switching Transistors
2N3904 DIOTEC-2N3904 Datasheet
96Kb / 2P
Si-Epitaxial-Planar Switching Transistors
2N3906 DIOTEC-2N3906 Datasheet
103Kb / 2P
Si-Epitaxial-Planar Switching Transistors
2N4401 DIOTEC-2N4401 Datasheet
102Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
MPSA42-BK DIOTEC-MPSA42-BK Datasheet
93Kb / 2P
High voltage Si-epitaxial planar transistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com