Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF781 Datasheet (PDF) - YAMAHA CORPORATION

YMF781 Datasheet PDF - YAMAHA CORPORATION
Part # YMF781
Download  YMF781 Download
File Size   738.69 Kbytes
Page   14 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description APL-1 Automobile sound PLayer-1

YMF781 Datasheet (PDF)

Go To PDF Page Download Datasheet
YMF781 Datasheet PDF - YAMAHA CORPORATION

Part # YMF781
Download  YMF781 Click to download

File Size   738.69 Kbytes
Page   14 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description APL-1 Automobile sound PLayer-1

YMF781 Datasheet (HTML) - YAMAHA CORPORATION


YMF781 Product details

■Overview

YMF781 (APL-1: hereinafter described as APL-1) is an LSI, integrating synthesizer, ADPCM decoder and a CPU for

control in one chip.  Various sounds used in common automobiles, motor cycles, and electric appliances, suchas alarm sound, operation sound, and melody sound, and pseudo engine sound for an electric car can be generated with a little CPU load. A control CPU incorporated enables APL-1 control by a simple command (API) from the external host CPU.



■Features

●CPU is incorporated and enabling controls for synthesizer and other functions by the simple commands.

●Stereo hybrid synthesizer that can generate up to 64 voices simultaneously.

●Time change low pass filter function by AL (Analog Lite) synthesizer is built in.

●ADPCM and PCM stream playback is possible.

●The default tone for FM and Wave Table synthesizer isbuilt in ROM, and registration of a tone to SRAM is possible.

●Speaker amplifier and equalizer circuit is built in.

●Stereo / monaural analog output terminal is equipped.

●Two control circuits for LED lighting are built in. 

   The synchronization with contents and compulsive control are also possible.

●The inspection function is built in as an externalmemory interface function.

●APL-1 control interface

   Three interfaces are provided: Clock Sync Serial, Asynchronous Serial (UART) and Command Port (Mode, which identify commands by the changes of bus.)

●Power down function is built in.

●Input and output port

   Some terminals can be used as an Input/Output port, which can be controlled from the host CPU.

●Malfunction prevention function owing to the electrostatic noise and electromagnetic noise is built in.

●Core power supply    3.3V (3.0V to 3.6V)

●I/O power supply    3.3V and 5.0V are changed. 3.3V (3.0V to 3.6V)   5.0V(4.75V to 5.25V)

●Speaker amplifier power supply    3.3V (3.0V to 3.6V)

●100pin plastic SQFP, pin lead plating with Pd-free (YMF781-SZ)




Similar Part No. - YMF781

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YMF715E YAMAHA-YMF715E Datasheet
282Kb / 54P
OPL3 Single-chip Audio System 3
YMF715E-S YAMAHA-YMF715E-S Datasheet
282Kb / 54P
OPL3 Single-chip Audio System 3
logo
LSI Computer Systems
YMF721 LSI-YMF721 Datasheet
324Kb / 41P
FM Wavetable Synthesizer LSI
logo
YAMAHA CORPORATION
YMF724 YAMAHA-YMF724 Datasheet
268Kb / 50P
high performance audio controller for the PCI Bus
YMF724F YAMAHA-YMF724F Datasheet
268Kb / 50P
high performance audio controller for the PCI Bus
More results


Similar Description - YMF781

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M3720 ETC-M3720 Datasheet
113Kb / 3P
1 KEY 1 SOUND
logo
Rohm
BD3824FS ROHM-BD3824FS Datasheet
71Kb / 3P
Sound processor for DVD player
BD3871FS ROHM-BD3871FS Datasheet
94Kb / 3P
Sound processor for CD radio cassette player
logo
YAMAHA CORPORATION
YMF795 YAMAHA-YMF795 Datasheet
1Mb / 45P
APL-2 Automobile sound Player-2
logo
Dialog Semiconductor
SLG7NT4618 DIALOG-SLG7NT4618 Datasheet
1Mb / 10P
APL Power Sequencer
SLG7NT4850 DIALOG-SLG7NT4850 Datasheet
1Mb / 10P
APL Power Sequencer
logo
Pepperl+Fuchs Inc.
ARS11-B2-IC24-1 PF-ARS11-B2-IC24-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
logo
MOSDESIGN SEMICONDUCTOR...
M3720 MOSDESIGN-M3720 Datasheet
167Kb / 3P
1 KEY 1 SOUND
2011-04-06
logo
Renesas Technology Corp
SLG7NT4850V RENESAS-SLG7NT4850V Datasheet
1Mb / 10P
APL Power Sequencer
February 25, 2022
SLG7NT4618V RENESAS-SLG7NT4618V Datasheet
1Mb / 10P
APL Power Sequencer
February 25, 2022
More results




About YAMAHA CORPORATION


Yamaha Corporation is a Japanese multinational corporation that specializes in the manufacture of a wide range of products including musical instruments, electronics, motorcycles, and power products.

The company was founded in 1887 and has its headquarters in Hamamatsu, Japan.

Yamaha is known for its high-quality products and innovative technology, and it has a strong reputation in the industries it operates in.

The company's products are widely used by musicians and music enthusiasts, as well as in many other applications such as industrial, automotive, and power generation.

Yamaha has a global presence and operates subsidiaries and sales offices in many countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com