Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG401AK883 Datasheet (PDF) - TEMIC Semiconductors

DG401AK883 Datasheet PDF - TEMIC Semiconductors
Part # DG401AK883
Download  DG401AK883 Download
File Size   170.42 Kbytes
Page   10 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description Low-Power, High-Speed CMOS Analog Switches

DG401AK883 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG401AK883 Datasheet PDF - TEMIC Semiconductors

Part # DG401AK883
Download  DG401AK883 Click to download

File Size   170.42 Kbytes
Page   10 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description Low-Power, High-Speed CMOS Analog Switches

DG401AK883 Datasheet (HTML) - TEMIC Semiconductors


DG401AK883 Product details

Description
The DG401/403/405 monolithic analog switches were designed to provide precision, high performance switching of analog signals. Combining low power (0.35 μW, typ) with high speed (tON: 100 ns, typ), the DG401 series is ideally suited for portable and battery powered industrial and military applications.
Built on the Siliconix proprietary high-voltage silicon-gate process to achieve high voltage rating and superior switch on/off performance, break-before-make is guaranteed for the SPDT configurations. An epitaxial layer prevents latchup.
Each switch conducts equally well in both directions when on, and blocks up to 30 V peak-to-peak when off. On-resistance is very flat over the full ±15-V analog range, rivaling JFET performance without the inherent dynamic range limitations.
The three devices in this series are differentiated by the type of switch action as shown in the functional block diagrams.

Features
• 44-V Supply Max Rating
• ±15-V Analog Signal Range
• On-Resistance—rDS(on): 20 Ω
• Low Leakage—ID(on): 40 pA
• Fast Switching—tON: 100 ns
• Ultra Low Power Requirements—PD: 0.35 μW
• TTL, CMOS Compatible
• Single Supply Capability

Benefits
• Wide Dynamic Range
• Low Signal Errors and Distortion
• Break-Before-Make Switching Action
• Simple Interfacing

Applications
• Audio and Video Switching
• Sample-and-Hold Circuits
• Battery Operation
• Test Equipment
• Hi-Rel Systems
• PBX, PABX




Similar Part No. - DG401AK883

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG401AK MAXIM-DG401AK Datasheet
92Kb / 8P
Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
logo
Intersil Corporation
DG401AK/883 INTERSIL-DG401AK/883 Datasheet
291Kb / 12P
Monolithic CMOS Analog Switches
More results


Similar Description - DG401AK883

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
Low-Power, High-Speed CMOS Analog Switches
11-Jun-07
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
Low-Power, High-Speed CMOS Analog Switches
10-Jan-05
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
High-Speed, Low-Glitch D/CMOS Analog Switches
11-Jun-07
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
Low-Power, High-Speed CMOS Analog Switches
30-Nov-09
DG401B VISHAY-DG401B_11 Datasheet
172Kb / 14P
Low-Power, High-Speed CMOS Analog Switches
07-Feb-11
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
logo
Vishay Siliconix
DG611 VISHAY-DG611_V01 Datasheet
187Kb / 15P
High-Speed, Low-Glitch D/CMOS Analog Switches
31-Jan-11
DG401B VISHAY-DG401B_V01 Datasheet
178Kb / 14P
Low-Power, High-Speed CMOS Analog Switches
07-Feb-11
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
Low-Power, High-Speed CMOS Analog Switches
30-Nov-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com