Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R52A Datasheet (PDF) - Holtek Semiconductor Inc

HT46R52A Datasheet PDF - Holtek Semiconductor Inc
Part # HT46R52A
Download  HT46R52A Download
File Size   317.31 Kbytes
Page   42 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description A/D Type 8-Bit OTP MCU

HT46R52A Datasheet (PDF)

Go To PDF Page Download Datasheet
HT46R52A Datasheet PDF - Holtek Semiconductor Inc

Part # HT46R52A
Download  HT46R52A Click to download

File Size   317.31 Kbytes
Page   42 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description A/D Type 8-Bit OTP MCU

HT46R52A Datasheet (HTML) - Holtek Semiconductor Inc


HT46R52A Product details

General Description

The HT46R51A/HT46R52A are 8-bit high performance, RISC architecture microcontroller devices specifically designed for A/D applications that interface directly to analog signals, such as those from sensors. The advantages of low power consumption, I/O flexibility, timer functions, oscillator options, multi-channel A/D converter, Pulse Width Modulation function, HALT and wake-up functions, watchdog timer, as well as low cost, enhance the versatility of these devices to suit a wide range of A/D application possibilities such as sensor signal processing, chargers, motor driving, industrial control, consumer products, subsystem controllers, etc.





Features

Low-power fully static CMOS design

Operating voltage:

   fSYS=4MHz: 2.2V~5.5V

   fSYS=8MHz: 3.3V~5.5V

Program Memory:

   1Kx15 OTP (HT46R51A)

   2Kx15 OTP (HT46R52A)

Data memory:

   96x8 RAM (HT46R51A)

   128x8 RAM (HT46R52A)

A/D converter: 12bitsx5Ch External A/D converter reference voltage input pin

14 bidirectional I/O lines

1 interrupt input shared with an I/O line

8-bit programmable timer/event counter with overflow interrupt and 8-stage prescaler

On-chip crystal and RC oscillator

6-level subroutine nesting

Watchdog Timer

Low voltage reset function

HALT function

Up to 0.5µs instruction cycle with 8MHz system clock at VDD=5V

1-channel 8-bit PWM output shared with an I/O line

PFD function

Bit manipulation instruction

Table read instruction

63 powerful instructions

All instructions in one or two machine cycles

16-pin NSOP, 18-pin DIP, 20-pin SOP/SSOP package




Similar Part No. - HT46R52A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R52A HOLTEK-HT46R52A_09 Datasheet
297Kb / 43P
A/D Type 8-Bit OTP MCU
March 6, 2009
More results


Similar Description - HT46R52A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R12 HOLTEK-HT46R12 Datasheet
307Kb / 45P
A/D Type 8-Bit OTP MCU
November 1, 2005
HT46R14 HOLTEK-HT46R14 Datasheet
326Kb / 47P
A/D Type 8-Bit OTP MCU
November 1, 2005
HT45R06 HOLTEK-HT45R06 Datasheet
313Kb / 41P
A/D Type 8-Bit OTP MCU
May 24, 2005
HT46R51 HOLTEK-HT46R51 Datasheet
294Kb / 42P
A/D Type 8-Bit OTP MCU
July 12, 2005
HT46R53 HOLTEK-HT46R53 Datasheet
297Kb / 42P
A/D Type 8-Bit OTP MCU
July 12, 2005
HT46R53A HOLTEK-HT46R53A Datasheet
303Kb / 43P
A/D Type 8-Bit OTP MCU
August 24, 2006
HT46R12A HOLTEK-HT46R12A Datasheet
307Kb / 48P
A/D Type 8-Bit OTP MCU
August 3, 2007
HT46R14A HOLTEK-HT46R14A Datasheet
320Kb / 49P
A/D Type 8-Bit OTP MCU
August 3, 2007
HT46R064 HOLTEK-HT46R064 Datasheet
564Kb / 99P
Enhanced A/D Type 8-Bit OTP MCU
January 22, 2013
HT46R51A HOLTEK-HT46R51A_09 Datasheet
297Kb / 43P
A/D Type 8-Bit OTP MCU
March 6, 2009
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com